Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722 Datasheet(PDF) 198 Page - ams-OSRAM AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3722 Datasheet(HTML) 198 Page - ams-OSRAM AG

Back Button AS3722 Datasheet HTML 191Page - ams-OSRAM AG AS3722 Datasheet HTML 192Page - ams-OSRAM AG AS3722 Datasheet HTML 193Page - ams-OSRAM AG AS3722 Datasheet HTML 194Page - ams-OSRAM AG AS3722 Datasheet HTML 195Page - ams-OSRAM AG AS3722 Datasheet HTML 196Page - ams-OSRAM AG AS3722 Datasheet HTML 197Page - ams-OSRAM AG AS3722 Datasheet HTML 198Page - ams-OSRAM AG AS3722 Datasheet HTML 199Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 198 / 199 page
background image
ams Datasheet
Page 197
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Content Guide
53
Reset
53
Description
54
Reset Reasons
54
Voltage Detection
55
Power Off
55
Software Forced Reset
55
External Triggered Reset
55
Over-Temperature Reset
55
Watchdog Reset
56
Long ONKEY Press
58
Parameter
58
Stand-By
58
Description
60
Stand-By Sequence
63
Internal References
63
Description
63
Low Power Mode
63
Parameter
64
Digital IO Supply Concept
64
Description
64
GPIO Pins
64
Description
65
IO Functions
65
Normal IO Operation
65
Interrupt Output
65
VSUP_VBAT_Low Output (not de-bounced)
65
GPIO Interrupt Input
66
PWM Input
66
Voltage_sdtby + Restart Input
66
OC_PG_SD0 Output
66
PWRGOOD Output
66
Q32k Output
66
Watchdog Input
66
Soft-Reset Input
66
PWM Output
67
Vsup_vbat_low Output (de-bounced)
67
OC_PG_SD6 Output
67
ADC_reference Output
67
Dedicated IO Pins
67
Input Pins
67
ENABLE1/CORE_PWRREQ
67
ENABLE2/CPU_PWRREQ
67
THERM
68
AC_OK
68
LID
68
Output Pins
68
VBAT_ALARM (not de-bounced)
68
CLK32K
68
XINT
68
OC_PG
70
Supervisor
70
Temperature Supervision
71
Current Supervision
72
Watchdog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com