Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 3Page - STMicroelectronics STLC5048 Datasheet HTML 4Page - STMicroelectronics STLC5048 Datasheet HTML 5Page - STMicroelectronics STLC5048 Datasheet HTML 6Page - STMicroelectronics STLC5048 Datasheet HTML 7Page - STMicroelectronics STLC5048 Datasheet HTML 8Page - STMicroelectronics STLC5048 Datasheet HTML 9Page - STMicroelectronics STLC5048 Datasheet HTML 10Page - STMicroelectronics STLC5048 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7/45
STLC5048
FUNCTIONAL DESCRIPTION
The STLC5048 is a fully programmable device with embedded ROM and RAM. The ROM is used to contain the default
state coefficients for the programmable filters, while the RAM is used to load the desired coefficient values.
POWER ON INITIALIZATION
When power is first applied it is recommended to reset the device (M1=M0=0) in order to set all the internal reg-
isters to the reset value (see register description); this means also power down mode for all the four channels
and SW reset bit (RES) set in the CONF register.
When the RES bit is set, the only instructions allowed are the one that disable this bit and the REACOM instruc-
tion: all other instructions are ignored. It is not possible to disable the RES bit and write the other bits of the
CONF register with the same instruction.
Of course, RESET mode can be programmed also by writing the RES bit of the CONF register.
See appendix C for the power up sequence.
During RESET condition all the I/On and CSn pins are set as inputs, DX is in high impedance and all VFROn
are set to AGND. After the reset all registers are loaded with the reset value.
It means that the PCM interface and all the VFRO outputs are configured as described in the Power Down State,
while no transmit or receive time slot are set.
Then, filters and gain blocks are configured with the coefficient defined in the Default State.
POWER DOWN STATE
Each of the four channel may be put into power down mode by setting the appropriate bit in the CONF register.
In this mode the eventual programmed DX channel is set in high impedance while the VFRO outputs are forced
to AGND. When all the channels are set in Power Down mode the device enters the Power Down state: all the
blocks related to the data processing are turned off, while the RAM is On or Off according to the PDR bit value
in the COMEN register.
Figure 1. Block Diagram of a single channel.
A/mu
DR
VFRO
VFXI
HPR
R
GR
B
Z
KD
KA
**
*
*
**
*
*
LPR
D/A
RX
TX
A/mu
DX
HPX
X
GX
**
* PROGRAMMABLE BLOCKS
D00TL468
LPX
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com