Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
STLC5048
18/45
Interrupt Mask Register for I/O port (DMASK)
Addr=11h; Reset Value=FFh
Addr=12h; Reset Value=XFh
MD11..0=1: The corresponding I/O doesn’t generate interrupt.
MD11..0=0: The corresponding I/O (programmed as input) generate interrupt if a change of status is detected.
Input lines with persistency check generate interrupt if the changed status remains stable longer than the time
programmed in the persistency check register PCHKA/B. Line without persistency check generate an immedi-
ate interrupt request.
Mask register has no effect on those pins configured as outputs, those pins will not generate interrupt.
Interrupt Mask Register for Interrupt (IMASK)
Addr=13h; Reset Value=FFh
For dynamic I/O configuration, MCn bits are the disable/enable interrupt related to the channel n.
MC3..0=1: Any I/O line of the related channel #n is disabled to generate interrupt independently of DMASK setting.
MC3..0=0: Any I/O line of the related channel #n is enabled to generate interrupt depending on DMASK setting.
For static I/O configuration, MCn bits are the interrupt mask bits related to CSn that are configured as I/O lines.
MC0=1: The corresponding I/O cannot generate interrupt independently of DMASK setting.
MC0=0: The corresponding I/O can generate interrupt if a change of status is detected depending of DMASK setting.
MC2=1: The corresponding I/O cannot generate interrupt independently of DATA3_L setting (bit 3..0).
MC2=0: The corresponding I/O can generate interrupt if a change of status is detected depending of DATA3_L
setting (bit 3..0).
MC3 and MC1 bit are not used in static mode.
Input lines with persistency check generate interrupt if the changed status remains stable longer than the time
programmed in the persistency check register PCHKA/B. Line without persistency check generate an immedi-
ate interrupt request.
Mask register has no effect on those pins configured as outputs, those pins will not generate interrupt
MCF=1: The corresponding alarm bit (CKF) doesn’t generate interrupt.
MCF=0: The corresponding alarm bit (CKF) can generate interrupt.
MTV=1: The corresponding alarm bit (TV) doesn’t generate interrupt.
MTV=0: The corresponding alarm bit (TV) can generate interrupt.
MPCM =1 : The IPCM interrupt is masked (generation disabled).
MPCM =0 : The IPCM interrupt is enabled (generation enabled).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
010001
MD7
MD6
MD5
MD4
MD3
MD2
MD1
MD0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
010010
MD11
MD10
MD9
MD8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
010011
x
MTV
MPCM
MCF
MC3
MC2
MC1
MC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com