Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 9Page - STMicroelectronics STLC5048 Datasheet HTML 10Page - STMicroelectronics STLC5048 Datasheet HTML 11Page - STMicroelectronics STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13/45
STLC5048
11h
DMASK-L
Int. Mask I/O Port (03h)
12h
DMASK-H
Int. Mask I/O Port (04h)
Addr
Name
Description
13h
IMASK
Interrupt Mask reg.
14h
ALARM
Alarm register
20h
CONF
Configuration register
21h
COMEN
Command Enable reg.
23h
SYNCCK
Synchronous Check reg.
25h
CTRLACK
DSP status register
26h
CKSUM-L
Cheksum register L
27h
CKSUM-H
Cheksum register H
2Ah
LOOPB
Loopback register
2Bh
TXG
Transmit preamp. Gain
2Ch
RXG
Receive preamp. Gain
2Dh
ILIM
SLIC line current lim.
2Eh
ITH
SLIC Off-Hook threshold
50h
PCMSH
PCM Shift register
51h
PCMCOM
PCMCOM register
52h
DXTS0
Transmit Timeslot ch #0
53h
DXTS1
Transmit Timeslot ch #1
54h
DXTS2
Transmit Timeslot ch #2
55h
DXTS3
Transmit Timeslot ch #3
56h
DRTS0
Receive Timeslot ch #0
57h
DRTS1
Receive Timeslot ch #1
58h
DRTS2
Receive Timeslot ch #2
59h
DRTS3
Receive Timeslot ch #3
5Ah
PCMWD-L
PCMW Data register
5Bh
PCMWD-H
PCMW Data register
5Ch
PCMRD-L
PCMR Data register
5Dh
PCMRD-H
PCMR Data register
5Eh
PCMCTRL
PCM Control register
60h
TONEG
Tone Generation reg.
61h
COEFST
Coefficient State reg.
70h
SWRID
Software rev. ID code
71h
HWRID
Silicon revision ID code
REGISTER ADDRESSES (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com