Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 11Page - STMicroelectronics STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
15/45
STLC5048
I/O Data Register channel #1 (DATA1)
Addr=04h; Reset Value=00h
Addr=05h; Reset Value=X0h
If bit 4 of CONF register (STA)=0 Dynamic I/O mode:
When CS1 is active D111..0 are transferred to the corresponding I/O pins configured as outputs (see DIR reg-
ister). For the I/O pins configured as inputs the corresponding D111..0 will be written by the values applied to
those pins while CS1 is low.
If bit 4 of CONF register (STA)=1 Static I/O mode:
In static mode CS pins are used as additional I/O pins. The CIO0..3 bits are used to define the direction of these pins.
CIO0..3=0 The CS0..3 is a static input, DATA is written in DATA2 register bits 0..3.
CIO0..3=1 The CS0..3 is a static output, DATA is taken from DATA2 register bits 0..3.
I/O Data Register channel #2 (DATA2)
Addr=06h; Reset Value=00h
Addr=07h; Reset Value=X0h
If bit 4 of CONF register (STA)=0 Dynamic I/O mode:
When CS2 is active D211..0 are transferred to the corresponding I/O pins configured as outputs (see DIR reg-
ister). For the I/O pins configured as inputs the corresponding D211..0 will be written by the values applied to
those pins while CS2 is low.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000100
D17
D16
D15
D14
D13
D12
D11
D10
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000101
D111
D110
D19
D18
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000100
CIO3
CIO2
CIO1
CIO0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000110
D27
D26
D25
D24
D23
D22
D21
D20
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000
11
1
D211
D210
D29
D28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com