Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 10Page - STMicroelectronics STLC5048 Datasheet HTML 11Page - STMicroelectronics STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
STLC5048
14/45
REGISTER DESCRIPTION
I/O Direction Register (DIR)
Addr=00h; Reset Value=00h
Addr=01h; Reset Value=X0h
IO11..0=0 I/O pin 11..0 is an input, data on the I/O input is written in DATAn register bit 11..0.
IO11..0=1 I/O pin 11..0 is an output, data contained in DATAn register bit 11..0 is transferred to the I/O output.
I/O Data Register channel #0 (DATA0)
Addr=02h; Reset Value=00h
Addr=03h; Reset Value=X0h
If bit 4 of CONF register (STA)=0 Dynamic I/O mode:
When CS0 is active D011..0 are transferred to the corresponding I/O pins configured as outputs (see DIR reg-
ister). For the I/O pins configured as inputs the corresponding D011..0 will be written by the values applied to
those pins while CS0 is low.
If bit 4 of CONF register (STA)=1 Static I/O mode:
DS11..0 are transferred to the corresponding I/O pins configured as outputs (see DIR register). For the I/O pins
configured as inputs the corresponding DS11..0 will be written by the values applied to those pins.
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000000
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000001
IO11
IO100IO9
IO8
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000010
D07
D06
D05
D04
D03
D02
D01
D00
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000011
D011
D010
D09
D08
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000010
DS7
DS6
DS5
DS4
DS3
DS2
DS1
DS0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000011
DS11
DS10
DS9
DS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com