Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
STLC5048
22/45
SLIC Line Current Limit reg (ILIM)
Addr=2Dh; Reset Value=00h
D4..0 = 0: Programmed value is 53
D4..0 = 1: Programmed value is 2
The step is 1.6 mA
This register allows to program a line current limitation from 2 to 53mA with a step equal to 1.6mA. These values
can be obtained using an external 15KOhm resistor in kit with STLC3080.
SLIC Off-Hook threshold register (ITH)
Addr=2Eh; Reset Value=00h
D3..0 = 0: Programmed value is 16 mA
D3..0 = 1: Programmed value is 1 mA
The step is equal to 1 mA.
En = 1 The DC SLIC programmability block is enabled (ITH and ILIM)
En = 0 The DC SLIC programmability block is disabled (ITH and ILIM)
This register allows to program a threshold value from 1 to 16 mA with a step equal to 1mA. These values can
be obtained using an external 12.5KOhm resistor in kit with STLC3080.
PCM Shift Register (PCMSH)
Addr=50h; Reset Value=00h
XS2..0:Effective start of the TX frame is the programmed values of clock pulses (0 to 7) after the FS rising edge.
RS2..0:Effective start of the RX frame is the programmed values of clock pulses (0 to 7) after the FS rising edge.
PCM Command register (PCMCOM)
Addr=51h; Reset Value=00h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
101101
0
0
0
D4D3D2D1D0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
101110
0
0
0
En
D3D2D1D0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010000
XS2
XS1
XS0
RS2
RS1
RS0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010001
RR
WR
PC1
PC0
TE
RPAB
TPB
TPA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com