Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
27/45
STLC5048
PCMR Data Register (PCMRD)
Addr=5Ch; Reset Value=00h
Addr=5Dh; Reset Value=00h
Read only
This register is used to read transmit PCM data via the MCU interface. Reading this register the IPCM interrupt
(if generated only by reading access) is automatically cleared.
In A/
µ law only the first 8 bit are used. In linear code option both registers must be read, first the LSB and after
the MSB.
PCM Control Register (PCMCTRL)
Addr= 5Eh; Reset Value=00h
Read only
PMW = 1: Data is not written every FS while writing PCM access data is enabled.
POW = 1: Data is not read every FS while reading PCM access data is enabled.
WRD = 1: Device is waiting for PCM data insertion in PCMWD register. The bit is reset after writing at least one byte.
RRD = 1: Data are available on PCMRD register. The bit is reset after reading the two bytes of the register (first
the LSB and after the MSB).
Tone Generation register (TONEG)
Addr=60h; Reset Value=00h
Tn0=0,Tn1=0: No tone is generated on ch #n
Tn0=1,Tn1=0: A tone with 25Hz frequency is generated on ch #n.
Tn0=0,Tn1=1: A tone with 1KHz frequency is generated on ch #n.
Tn0=1,Tn1=1: A tone with 3KHz frequency is generated on ch #n.
This register allows the generation of a tone in the RX direction.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11
011100
D7
D6
D5
D4
D3
D2
D1
D0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11
011101
D15
D14
D133
D12
D11
D10
D9
D8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11
011110
RRD
WRD
POW
PMW
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
100000
T31
T30
T21
T20
T11
T10
T01
T00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com