Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
STLC5048
20/45
Synchronous Check register (SYNCK)
Addr=23h; Reset Value=E4h
Read Only
This register contains a fixed code (E4h) that can be read to check the synchronisation of the MCU interface.
DSP Status Register (CTRLACK)
Addr=25h; Reset Value=01h
Read Only
CKEND bit is 0 while the checksum calculation is performed: in the other time is always set to 1.
INIT bit becomes active (INIT = 1) after the DSP initialization. Normally it requires 70 us after the reset to be set to 1.
Checksum register (CKSUM)
Addr=26h; Reset Value=00h
Addr=27h; Reset Value=00h
Read Only
The cheksum value is calculated every time the CKSTART instruction is performed and the result is available
after a proper delay (max 400
µs).
This register contains the cheksum value calculated on the contents of the following coefficient (each of 16 bits):
ZERO
KDF0_0 KDF0_1 KDF0_2 KDF1_0 KDF1_1 KDF1_2 KDF2_0 KDF2_1 KDF2_2 KDF3_0 KDF3_1 KDF3_2
AFE_CFF GRX0 GTX0 RFC0_0 ...... RFC0_16 XFC0_0 ...... XFC0_16 BFC0_0 ...... BFC0_25
ZFC0_0 ...... ZFC0_4
GRX1 GTX1 RFC1_0 ...... RFC1_16 XFC1_0 ...... XFC1_16 BFC1_0 ......BFC1_25
ZFC1_0 ...... ZFC1_4 GRX2 GTX2 RFC2_0 ......RFC2_16 XFC2_0 ...... XFC2_16 BFC2_0 ...... BFC2_25
ZFC2_0 ...... ZFC2_4
GRX3 GTX3 RFC3_0 ...... RFC3_16 XFC3_0 ...... XFC3_16 BFC3_0 ...... BFC3_25
ZFC3_0 ......ZFC3_4
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10
100011
11
100100
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10
100
10
1
0
0
0
0
0
0
INIT
CKEND
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10
100110
CK7
CK6
CK5
CK4
CK3
CK2
CK1
CK0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10
100111
CK15
CK14
CK13
CK12
CK11
CK10
CK9
CK8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com