Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics STLC5048 Datasheet HTML 35Page - STMicroelectronics STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics STLC5048 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
STLC5048
36/45
ELECTRICAL CHARACTERISTICS (continued)
TRANSMIT TRANSFER CHARACTERISTICS
(all tests are performed in absolute gain condition (TXG = GTXn = 0dB) unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Absolute level at 0 dBm0 are:
TXG = 0dB, GTXn = 0dB
60
mVrms
GXA
Transmit gain Absolute accuracy
-0.15
0.15
dB
GXAG
Transmit gain variation with programmed
gain (within 3 dB from max dig. level)
-0.2
0.2
dB
GFX
Gain variation with frequency (relative to
gain at 1004Hz); 0dBm0 input signal
50 Hz
60Hz
200Hz
300-3000Hz
3400Hz
4000Hz
4600Hz and above
-1.8
-0.15
-0.7
-20
-20
0
0.15
0
-14.0
-32.0
dB
GAXT
Gain variation with temperature
-0.10
0.10
dB
GAXE
Gain variation with Supplies +/- 5%
0dBm0 Input Signal
-0.05
0.05
dB
GTX
Gain Tracking with Tone (1004Hz Mu
Law, 820Hz A Law) (1)
(1) VFXI=106mVrms, TXG=+3.52dB, GTX=-8.308dB (levels and gain condition eqivalent to 0dBr with Zadm = 600 Ohm on the application)
GSX = 3 to -40dBm0
GSX = -40 to -50dBm0
GSX = -50 to -55dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
QDX
Quantization Distortion with Tone
(1004Hz Mu Law, 820Hz ALaw)
VFXI = +3dbm0
VFXI = 0 to -30dBm0
VFXI = -40 dBm0
VFXI = -50 to -55 dBm0
33
36
30
15
dB
NCT
Transmit Noise C Message Weighted
(Mu and A Law)
12
dBrnCo
NPT
Transmit Noise Psophometric Weighted
@ 0dBr, Zadm=600Ohm (2)
(2) TXG=+3.52dB, GTX=-8.308dB (gain condition eqivalent to 0dBr with Zadm = 600 Ohm on the application)
(3)
The max value includes 125
µsec for the time slot synchronization
-68
dBm0p
DAX
Absolute Delay (3)
B = 0, Z = 0, X = R = 1
462
587
µS
DPXM
Single Frequency Distortion
(Mu Law 0dBm0 Sinewave @ 1004Hz)
-46
dB
DPXA
Single Frequency Distortion
(A Law 0dBm0 Sinewave @ 820Hz)
-46
dB
GSPX
Out of Band Spurious Noise
61mVrms at VFXI
4200Hz to 72kHz
-39
dBm0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com