Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics STLC5048 Datasheet HTML 35Page - STMicroelectronics STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
35/45
STLC5048
Figure 5.
Figure 6. SLIC Control port timing
SLIC CONTROL INTERFACE TIMING (dynamic configuration)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tcs
Chip Select repetition rate
31.25
µs
tcsw
Chip select pulse width
3.9
µs
tdcsl
Data out valid to CS low
1.95
ns
tscsh
Data out held after CS high
1.95
ns
tscsh
Set up time Data in to CS high
50
ns
thcsh
Hold time data in to CS high
10
ns
CCLK
CS
CI
CO
D00TL471
123
45678
tRC
tFC
tWCH
tWCL
1
2
3
4
5
6
70
1
2
3
4
5
6
7
tDSD
tDCD
tHCS
tSDC
tHCD
tSSC
tSCS
tHSC
tCSO
tDOA
tDON
31.25
µs (32KHz)
tDIV
CS1
CS2
CS3
CS4
IO
(OUT)
IO
(IN)
OUT
CH0
IN
CH0
OUT
CH1
IN
CH1
OUT
CH2
IN
CH2
OUT
CH3
IN
CH3
OUT
CH0
D99TL460
IN
CH0
OUT
CH1
IN
CH1
tDII
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com