Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics STLC5048 Datasheet HTML 35Page - STMicroelectronics STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
STLC5048
34/45
Figure 4.
SERIAL CONTROL PORT TIMING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
fcclk
Frequency of CCLK
8
MHz
twch
Period of CCLK High
Measured from VIH to VIH
40
ns
twcl
Period of CCLK Low
Measured from VIL to VIL
40
ns
trc
Rise time of CCLK
Measured from VIL to VIH
20
ns
tfc
Fall time of CCLK
Measured from VIH to VIL
20
ns
thcs
Hold time, CCLK low to CS low
10
ns
thsc
Hold time, CCLK low to CS high
10
ns
tssc
Setup time, CS transition to CCLK
Low
10
ns
tdsd
Delay time, CS low to CO data valid
20
ns
tcso
CS off time
5
us
tsdc
Setup time, CI. Data in to CCLK low
10
ns
thcd
Hold time, CCLK low to CI invalid
10
ns
tdcd
Delay time, CCLK low to CO Data
Out Valid
30
ns
tddz
Delay Time, CS or CCLK9 high to
CO high impedance
Pull up resistor = 1KOhm
Cload = 30pF
30
ns
MCLK
FSX
DX
TSX
DR
D94TL157
THBF
123
456789
10
TRM
TFM
TWMH
TWML
1
2
3
4
5
6
70
THBF
1
2
3
4
5
6
70
FSR
TSDM
THDM
TSFB
THBF
TSFB
THBF
TDMD
TDFD
TDMT
TDMT
TZMT
TZMT
ELECTRICAL CHARACTERISTCS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com