Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
STLC5048
28/45
Coefficient State register (COEFST)
Addr= 61h; Reset Value=F0h
FR0..3=1: All channel filters and gain blocks are configured as defined in the ringing state
FR0..3=0: All channel filters and gain blocks are configured as defined with the programmed value if also the
corresponding FD bit is set to 0
FD0..3=1: All channel filters and gain blocks are configured as defined in the default state if also the correspond-
ing FR bit is set to 0
FD0..3=0: All channel filters and gain blocks are configured as defined with the programmed value if also the
corresponding FR bit is set to 0
Software Revision ID Code (SWRID)
Addr=70h; Read only.
This register contains the DSP Software revision Code identifier.
Hardware Revision ID Code (HWRID)
Addr=71h; Read only.
This register contains the Silicon revision Code identifier.
SINGLE BYTE INSTRUCTION
Realignment Command (REACOM)
This single instruction is used to realign the MCU interface in case of out of synchronisation. This instruction
must be executed Nmax+1 times to be successfull.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
100001
FD3
FD2
FD1
FD0
FR3
FR2
FR1
FR0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11
110000
00
010100
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11
110001
00
000001
Name
Description
ID
REACOM
Realignment command
28h
CKSTART
Start Checksum
29h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00
101000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com