Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
STLC5048
26/45
EN2=0: Disable reception of selected time slot.
EN2=1: Selected receive time slot on DR input is PCM decoded and transferred to VFRO2 output.
R26..0: Define receive time slot number (0 to 127) on carrying the PCM signal to be decoded and transferred
to VFRO2 output.
If linear mode is selected (LIN=1 of CONF register) the 16 bits will be used as linear code as follows: the 8 most
significant bits in the programmed time slot, the 8 least significant bits in the following timeslot.
Example: if R26..R20=00:
Receive Time Slot ch #3 (DRTS3)
Addr=59h; Reset Value=00h
EN3=0: Disable reception of selected time slot.
EN3=1: Selected receive time slot on DR input is PCM decoded and transferred to VFRO3 output.
R36..0: Define receive time slot number (0 to 127) on carrying the PCM signal to be decoded and transferred
to VFRO3 output. If linear mode is selected (LIN=1 of CONF register) the 16 bits will be used as linear code as
follows: the 8 most significant bits in the programmed time slot, the 8 least significant bits in the following
timeslot.
Example: if R36..R30=00:
PCMW Data Register (PCMWD)
Addr=5Ah; Reset Value=00h
Addr=5Bh; Reset Value=00h
This register is used to write receive PCM data via the MCU interface. Writing this register the IPCM interrupt
(if generated only by writing access) is automatically cleared.
In A/
µ law only the first 8 bit are used. In linear code option both registers must be used.
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
011001
EN3
R36
R35
R34
R33
R32
R31
R30
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
011010
D7
D6
D5
D4
D3
D2
D1
D0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
011011
D15
D14
D13
D12
D11
D10
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com