Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21/45
STLC5048
Loopback Register (LOOPB)
Addr=2Ah; Reset Value=00h
DL3..0=0: Normal Operation
DL3..0=1: Codec #3..0 is set in Digital Loopback mode, this means that the receive PCM signal applied to the
programmed Receive Time Slot is transferred to the programmed Transmit Time Slot.
AL3..0=0: Normal Operation
AL3..0=1: Codec #3..0 is set in Analog Loopback mode, this means that the VFRO signal is transferred to the
VFXI input internally into the Codec.
When loopbacks are enabled the signal appears also at the corresponding VFRO output. It is possible to have
no signal on the VFRO output programming the GRX command to 00h in case of digital loopback.
Transmit Preamplifier Gain Register (TXG)
Addr=2Bh; Reset Value=00h
TG3..0=0: Transmit preamplifier gain ch. 3..0 = 0dB
TG3..0=1: Transmit preamplifier gain ch. 3..0 = 3.52dB
Overall transmit gain depends on combination of TXG and GTXn registers.
Receive Amplifier Gain Register (RXG)
Addr=2Ch; Reset Value=00h
Rn0=0,Rn1=0: Receive amp. gain ch #n = mute
Rn0=1,Rn1=0: Receive amp. gain ch #n = -12dB
Rn0=0,Rn1=1: Receive amp. gain ch #n = -6dB
Rn0=1,Rn1=1: Receive amp. gain ch #n = 0dB
Overall receive gain depends on the receive amplifier gain (R3..0) setting in RXG reg. and digital gain (GRXn
reg. setting).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
011010
DL3
DL2
DL1
DL0
AL3
AL2
AL11
AL0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
101011
TG3
TG2
TG1
TG0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
101100
R31
R30
R21
R20
R11
R10
R01
R00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com