Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics STLC5048 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
31/45
STLC5048
Receive Gain (GRX)
00h: Stop any received signal to reach the VFRO0 analog output. In order to open the impedance synthesis
feedback it’s necessary to mute the RX analog amplifier, as well.
>00h: Digital gain is inserted in the RX path equal to:
20Log[prog.value/32768]
The prog. value must be espressed in 16 bits signed format: maximum prog. value is equal to 7FFFh.
Transmit Gain (GTX)
00h:
Stop any transmit signal, null level is transmitted in the corresponding timeslot on DX output.
>00h: Digital gain is inserted in the TX path equal to:
20Log[prog.value/32768]
The prog. value must be espressed in 16 bits signed format: maximum prog. value is equal to 7FFFh.
R Filter Coefficient (RFC)
The register is used to set the 17 coefficients (each of 16 bits) of the R filter of the channel #n.
.
.
X Filter Coefficient (XFC)
The register is used to set the 17 coefficients (each of 16 bits) of the X filter of the channel #n.
.
.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
000001
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
000010
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
000011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com