Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
23/45
STLC5048
TPA/B = These two bits are used to enable the DX outputs of the port A or/and B. According to the combination
of these two bits the enabled port will be as follows:
RPAB = 0: Port A enabled (DRA input selected)
RPAB = 1: Port B enabled (DRB input selected)
TE = 0: Transmit PCM data change on rising edge of MCLK
TE = 1: Transmit PCM data change on falling edge of MCLK
PC1-PC0 = Selection of the channel for the PCM access data via MCU.
WR = 1: Setting this bit , receive PCM data writing via MCU (after A/
µ decoding) is enabled on selected channel
and IPCM interrupt is generated every time FS signal becomes active, together to the set of the WRD bit in the
PCMCTRL register.
A data byte must be written every 125
µs, if data is not replaced the old value is inserted again but the PMW bit
is set to 1 in the PCMCTRL register.
RR = 1: Setting this bit, transmit PCM data reading (after A/
µ encoding) via MCU is enabled on selected channel
and IPCM interrupt is generated every time that data are available, together to the set of the RRD bit in the PC-
MCTRL register.
A data byte must be read every 125
µS, if data is not read the new value is written in the PCM access register
but the POW bit is set to 1 in the PCMCTRL register.
Transmit Time Slot ch #0 (DXTS0)
Addr=52h; Reset Value=00h
EN0=0:Selected transmit time slot on DX output is in H.I.
EN0=1:Selected transmit time slot on DX output is active carrying out the PCM encoded signal of VFXI0.
T06..0:Define time slot number (0 to 127) on which PCM encoded signal of VFXI0 is carried out.
If linear mode is selected (LIN=1 of CONF register) the 16 bits will be carried out as follows: the 8 most signifi-
cant bits in the programmed time slot, the 8 least significant bits in the following time slot.
Example: if T06..T00=00:
TPB
TPA
Description
0
0
Both Ports disabled
0
1
Port A enabled
1
0
Port B enabled
1
1
Both ports enabled
PC0
PC1
Description
0
0
Channel #0 selected
1
0
Channel #1 selected
0
1
Channel #2 selected
1
1
Channel #3 selected
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010010
EN0
T06
T05
T04
T03
T02
T01
T00
TS0
TS1
15
14
13
12
11
10
9876543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com