Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 7Page - STMicroelectronics STLC5048 Datasheet HTML 8Page - STMicroelectronics STLC5048 Datasheet HTML 9Page - STMicroelectronics STLC5048 Datasheet HTML 10Page - STMicroelectronics STLC5048 Datasheet HTML 11Page - STMicroelectronics STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11/45
STLC5048
In the multiple byte instructions the first one specifies the command or the register address and the access type
(Read or Write).
The following bytes contain the data to be loaded into the internal RAM (on CI wire) or carry out the RAM content
(on CO wire) depending on the R/W bit of the first byte. CO wire is normally in High Impedance and goes to low
impedance only after the first byte in case of Read operation. This allows to use a common wire for both CI/CO.
CS, normally High, is set Low during the transmission/reception of a byte, lasting 8 CCLK pulses. Between two
consecutive access the CS must be set high.
The CCLK can be a continuos or a gated clock.
The result of any instruction (read/write operation), if negative, can generate an interrupt (maskable). The inter-
rupt register (INT) contains the cause information of the generated interrupt and it is cleared every time that it
is read.
Depending on the instruction specified in the first byte, the STLC5048 waits a defined number of data bytes. If
the STLC5048 doesn't receive the data byte within a predefined period specified by means of T_OUT command,
an internal time out rejects the instruction. The time-out time is verified between two consecutive MCU interface
access (between the falling edge of the CS and the following rising edge).
This feature is used to verify the synchronisation of the MCU interface: however it can be disabled if not desired
(see T_OUT reg description). To check this synchronisation is provided a specific register (SYNCK) that returns
always a predefined value: if the returned value is different the MCU interface is in out of sync state (the device
is waiting a data byte while the MCU is writing an address or vice versa). In this case, it is possible to realign it
by means of the execution of a specific single byte instruction (REACOM) from 1 to 53 times, depending on the
instructions.
Every time an illegal operation (access to not allowed address, time-out violation or clock pulse different than 8
inside a CS active) is performed the MCU interface is put on an error state: to resume it from this state a single
REACOM instruction can be used.
Anyway after a REACOM instruction a successful SYNC instruction guarantees the correct synchronisation.
One additional wire provided to the control interface is an open drain interrupt output (INT) that goes low when
a change of status is detected on the I/O pins or other interrupt source are active (see INT register). INT is au-
tomatically reset after reading of the register corresponding the cause that has generated the interrupt (see INT
register description).
A particular register (COMEN) allows to enable a command on different channel at the same time. Every time
a command operation is performed at least one channel must be enabled in this register.
This feature is useful when all channels must be configured in the same condition. When a command is used
to perform a read operation only one channel can be enabled at the same time.
To check the configuration of the device a checksum value is provided. This value is calculated on all coefficient
parameters entered (coefficients of KD, AFE_CFF, GRX, GTX, RFC, XFC, BFC, ZFC blocks; see CKSUM reg-
ister description). Two commands are required to get this value: the first one (CKSTART) starts the internal
checksum calculation, the second one (CKSUM) returns the calculated value. Between this two commands no
other operation are allowed. The checksum value is available within 400us the CKSTART command.
Coefficient checksum is defined by this algorithm:
X16 + X
12 + X5 + 1
This algorithm guarantees a fault coverage of 1 - 2
-16.
PROGRAMMING THE DEVICE
After the power up, the filters and gain blocks can be programmed also with all the channels set in Power Down.
In this case the PDR bit of the COMEN register must be set to 0.
With the proper setting of the COMEN register, the commands can be applied to more than one channel at the
same time.
To read the coefficient values loaded in the RAM, only one channel per time must be enabled in the COMEN
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com