Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC5048 Datasheet HTML 1Page - STMicroelectronics STLC5048 Datasheet HTML 2Page - STMicroelectronics STLC5048 Datasheet HTML 3Page - STMicroelectronics STLC5048 Datasheet HTML 4Page - STMicroelectronics STLC5048 Datasheet HTML 5Page - STMicroelectronics STLC5048 Datasheet HTML 6Page - STMicroelectronics STLC5048 Datasheet HTML 7Page - STMicroelectronics STLC5048 Datasheet HTML 8Page - STMicroelectronics STLC5048 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
STLC5048
2/45
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
OPERATING RANGE
THERMAL DATA
Symbol
Parameter
Value
Unit
VCC
VCC to VEE
4.6
V
VDD
VDD to VSS
4.6
V
VDIN
Digital Input Pin Voltage
5.5
V
VAin
Analog Input Pin Voltage(VDD=VCC; VEE=VSUB)VCC + 0.5; VEE - 0.5
V
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (soldering, 10s)
300
°C
Symbol
Parameter
Value
Unit
VCC , VDD
Supply Voltage
3.3 +/- 5%
V
TOP
Operating Temperature Range
-40 to +85
°C
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-Ambient
70
°C/W
D/A
CH0
PLL
BLOCK
ANALOG FRONT END
VCC
VEE
VDD
VSS
SUB
CAP
M1
M0
DIGITAL PROCESSOR
8
BIAS
GENER.
SLIC
THR
ITH
ILIM
VBG
D00TL467
DECODER
CONTROLLER
to analog FE
INTERPOLAT.
DECIMATORS
KD FILTERS
SLIC
INTERFACE
CONFIG.
REGISTERS
SERIAL
INTERFACE
SHAPPIRE
MACRO
DATA INTERFACE
A/U LAW
GR0
GX0
A/D
CH0
D/A
CH1
GR1
GX1
A/D
CH1
ENCODER
PCM
INTERFACE
FS
VFRO0
VFX10
VFRO1
VFX11
VFRO2
VFX12
VFRO3
VFX13
MCLK
DRA
DRB
DXA
DXB
TSXA
TSXB
IO11
IO10
IO9
IO8
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
CS3
CS2
CS1
CS0
INT
CCLK
CI
CO
CS
A/U LAW
D/A
CH2
GR2
GX2
A/D
CH2
D/A
CH3
GR3
GX3
A/D
CH3
8
16
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com