Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
STLC5048
30/45
KD Filter (KDF)
The register is used to set the 3 coefficients (each of 16 bits) of the KD filter of the channel #n.
.
..
AFE Coefficient (AFE_CFF)
Reset value = AA00h
KAn0, KAn1 = KA coefficient for Ch #n
According to the value of each couple of bits, the KA block is set in the following condition:
KAn1 KAn0
0
X
KA block disabled
1
0
KA set for low gain
1
1
KA set for high gain
When the application involves also the metering pulse signal the AFE of the STLC5048 must be adapted in or-
der to manage also this signal. For this purpose is provided the TTX bit.
TTX = 0: the current application is not using the metering pulse signal
TTX = 1: the current application is using the metering pulse signal
Timeout value (T_OUT)
Reset Value=FFFFh
Reset value = Maximum value = FFFFh (2048 us)
To disable this function the T0 bit must be set to 0.
To enable this function the T0 bit must be set to 1; the time-out value is set by means of T<15..1> bits.
Time_out = (T_OUT[15:1]*62.5 + 31.24)ns
The minimum step is 62.5 ns.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
110000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
110001
KA31
KA30
KA21
KA20
KA11
KA10
KA01
KA00
TTX
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
110010
T7
T6
T5
T4
T3
T2
T1
T0
T15
T14
T13
T12
T11
T10
T9
T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com