Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
19/45
STLC5048
Alarm Register (ALARM)
Addr=14h; Reset Value=01h
Read Only
POR=0: No Power On Reset is detected during operation.
POR=1: A Power On Reset is detected during operation.
The ALARM register is cleared after reading operation only if signals (alarm cause) are inactive.
Configuration Register (CONF)
Addr=20h; Reset Value=BFh
RES=0 Normal Operation
RES=1 Device Reset: I/0n and Csn are all inputs, DX is H.I. (equivalent to Hw reset).
LIN=0
A or
µ law PCM encoding
LIN=1
Linear encoding (16 bits), two’s complement.
AMU=0
µ law selection (all bits inverted)
AMU=1 A law selection (even bits inverted)
STA=0 CS0 to CS3 scan the four SLICs connected to the I/O control port, each CS has a 31.25
µs repetition
time.
STA=1I/O are static, CS0 to CS3 are configured as generic static I/O
PD3..0=0 Codec 3..0 is active
PD3..0=1 Codec 3..0 is in Power Down. When one codec is in Power Down the corresponding VFRO output is
set to AGND and the corresponding transmit time slot on DX is set in H.I.
Command Enable register (COMEN)
Addr=21h; Reset Value=80h
The En bits enable a command on one or more channels. All enabled channels will receive the entered data. At
least one channel must be enabled before every command.
E0..3=0: commands disabled on the corresponding channel 0..3
E0..3=1: commands enabled on the corresponding channel 0..3
PDR = 0: RAM is enabled also in Power Down.
PDR = 1: RAM is disabled in Power Down. In this way it’s possible to reduce the power consumption in Power
Down.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
10
010100
00
00000
POR
BIt7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
100000
RES
LIN
AMU
STA
PD3
PD2
PD1
PD0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
100001
PDR
0
0
0
E3
E2
E1
E0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com