Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 33Page - STMicroelectronics STLC5048 Datasheet HTML 34Page - STMicroelectronics STLC5048 Datasheet HTML 35Page - STMicroelectronics STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics STLC5048 Datasheet HTML 40Page - STMicroelectronics STLC5048 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
37/45
STLC5048
ELECTRICAL CHARACTERISTICS (continued)
(1) Values related to the application including the external filter on RX. The maesure is referred to the signal replicas.
(2) As note 3 at page 36
RECEIVE TRANSFER CHARACTERISTICS
(all tests are performed in absolute gain condition (RXG = GRXn = 0dB) unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Absolute levels at 0 dBm0 are:
RXG = 0dB, GRXn = 0dB
547
mVrms
GRA
Transmit gain Absolute accuracy
-0.15
0.15
dB
GRAG
Receive Gain Variation with
programmed gain (within 3 dB from max
dig. level)
-0.2
0.2
dB
GFR
Gain variation with frequency (relative to
gain at 1004Hz); 0dBm0 input signal
Below 200Hz
200Hz
300-3000Hz
3400Hz
4000Hz
-0.25
-0.15
-0.7
0.115
0.15
0.15
0
-14
dB
GART
Gain variation with temperature
0 to 70 °C
-0.10
0.10
dB
GARE
Gain variation with
Vcc=Vdd= 3.3V +/- 5%
0dBm0 Input Signal
-0.05
0.05
dB
GTR
Gain Tracking with Tone (1004Hz Mu
Law, 820Hz ALaw)
DR = 3 to -40dBm0
DR = -40 to -50dBm0
DR = -50 to -55dBm0
-0.2
-0.4
-1.2
0.2
0.4
1.2
dB
QDR
Quantization Distortion with Tone
(1004Hz Mu Law, 820Hz ALaw)
DR = 3 dBm0
DR = 0 to -30dBm0
DR = -40 dBm0
DR = -50 to -55dBm0
33
36
30
15
dB
NCR
Receive Noise C Message Weighted
(Mu Law)
811
dBrnCo
NPR
Receive Noise Psophometric Weighted
(A Law)
-79
dBm0p
DAR
Absolute Delay (2)
B = Z = 0, X = R = 1
325
450
µs
DPR1
Single Frequency Distortion
(0dBm0 Sinewave @ 1004Hz)
-46
dB
GSPR
Out of band spourious Noise
0dBm0 DTMF tone at DR
-60
dB
0dBm0 180 to 3600Hz
Sinewave at DR
-43
dB
OBN
Out of Band Noise (1)
Integral measure
from 3.4 to 128kHz
GTX = GRX = 0dB
GTX = 0dB; GRX = -7dB
-48
-51
dBm
dBm
Spectral measure
from 3.4 to 200kHz
in B/W = 30Hz
-70
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com