Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
25/45
STLC5048
Example: if T36..T30=00:
Receive Time Slot ch #0 (DRTS0)
Addr=56h; Reset Value=00h
EN0=0: Disable reception of selected time slot.
EN0=1: Selected receive time slot on DR input is PCM decoded and transferred to VFRO0 output.
R06..0: Define receive time slot number (0 to 127) on carrying the PCM signal to be decoded and transferred
to VFRO0 output. If linear mode is selected (LIN=1 of CONF register) the 16 bits will be used as linear code as
follows: the 8 most significant bits in the programmed time slot, the 8 least significant bits in the following
timeslot.
Example: if R06..R00=00:
Receive Time Slot ch #1 (DRTS1)
Addr=57h; Reset Value=00h
EN1=0: Disable reception of selected time slot.
EN1=1: Selected receive time slot on DR input is PCM decoded and transferred to VFRO1 output.
R16..0: Define receive time slot number (0 to 127) on carrying the PCM signal to be decoded and transferred
to VFRO1 output. If linear mode is selected (LIN=1 of CONF register) the 16 bits will be used as linear code as
follows: the 8 most significant bits in the programmed time slot, the 8 least significant bits in the following time
slot.
Example: if R16..R10=00:
Receive Time Slot ch #2 (DRTS2)
Addr=58h; Reset Value=00h
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010110
EN0
R06
R05
R04
R03
R02
R01
R00
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010
11
1
EN1
R16
R15
R14
R13
R12
R11
R10
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
011
00
0
EN2
R26
R25
R24
R23
R22
R21
R20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com