Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 6Page - STMicroelectronics STLC5048 Datasheet HTML 7Page - STMicroelectronics STLC5048 Datasheet HTML 8Page - STMicroelectronics STLC5048 Datasheet HTML 9Page - STMicroelectronics STLC5048 Datasheet HTML 10Page - STMicroelectronics STLC5048 Datasheet HTML 11Page - STMicroelectronics STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
STLC5048
10/45
quency is automatically detected by the device the first time both MCLK and FS are applied and becomes active
after the second FS period. MCLK synchronises both the transmit data (DXA/B) and the receive data (DRA/B).
The Frame Sync. signal FS is the common time base for all the four channels.
Transmit and Receive programmable Time-Slots are framed by an internal sync. signal that can be coincident
with FS or delayed of 1 or 7 MCLK cycles depending on the programming of PCMSH register.
Two PCM ports are available: every channel can be connected to a different PCM port by means of PCMCOM
register.
DXA/B represents the transmit PCM interface. It remains in high impedance state except during the assigned
time slots during which the PCM data byte is shifted out on the rising/falling edge of MCLK according to the TE
bit of PCMCOM register. The four channels can be shifted out in any possible timeslot as defined by the DXTS
registers. The assigned Time Slot (Transmit and Receive) takes place in the 8 MCLK cycles following the rising
edge of FS.
The data can be shifted out on port A and/or B according to PCMCOM register.
If one CODEC is set in Power Down by software programming the corresponding time slot is set in High Imped-
ance. When linear coding mode is selected by CONF register programming the output channel will need two
consecutive time slots (see register description).
DRA/B represents the receive PCM interface. It remains inactive except during the assigned time slots during
which the PCM data byte is shifted in on the falling edge of MCLK. The four channels are shifted in any possible
time slot as defined by the DRTS registers.
If one Codec is set in Power Down by software programming the corresponding time slot is not loaded and the
VFRO output is kept at steady AGND level.
INSTRUCTION BYTE STRUCTURE
R/W=0: Write Operation
R/W=1: Read Operation
I6..I0: Instruction Identifier: it can be a register address or a command identifier.
The number of data bytes depends on the instruction type. The first bit of a byte is the MSB, the first byte of an instruction is the LSByte.
When linear coding mode is selected by CONF register programming the input channel will need two consecu-
tive time slots (see register description).
The data can be shifted in from port A or B according to the PCMCOM register.
TSXA/B represents the Transmit Time Slot (open drain output, 3.2mA). Normally it is floating in high impedance
state except when a time slot is active on the DXA/B output. In this case TSXA/B output pulls low to enable the
backplane line driver. Should be strapped to VSS when not used.
Finally by means of the LOOPB register it is possible to implement a digital or analog loopback on any of the
selected channels.
MCU CONTROL INTERFACE
The MCU serial control interface consists of 4 pins.
CCLK: Control Clock
CI:
Serial Data In
CO:
Serial Data Out
CS:
Chip Select Input
Control instructions require at least two bytes: however two single byte instructions are also provided.
First Byte (Address or command ID)
Following Bytes (Data)
76543
21076543210
R/W
I6
I5
I4
I3
I2
I1
I0
D7D6D5D4D3D2D1D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com