Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 35Page - STMicroelectronics STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics STLC5048 Datasheet HTML 40Page - STMicroelectronics STLC5048 Datasheet HTML 41Page - STMicroelectronics STLC5048 Datasheet HTML 42Page - STMicroelectronics STLC5048 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
39/45
STLC5048
APPENDIX A
STLC5048 absolute gains in kit with L3235N/STLC3080
Figure 8. STLC5048 in kit with STLC3080 AC application diagram.
Figure 9. STLC5048 in kit with L3235N AC application diagram.
In Fig.8 is shown the application diagram of the STLC5048 in kit with the STLC3080 SLIC. The figure is related
to the AC path as the STLC5048 doesn't perform any DC processing.
The only DC feature performed by STLC5048 is the Off-Hook and Limitation Threshold programmability.
The same application diagram for the AC processing can be applied to the kit with the L3235N (as shown in Fig.
9): the only differences are the following:
The scaling factor of the Iline is 50
Rs value is 4.1 Kohm.
The imoedance synthesis is fully performed by STLC5048; the L3235N SLIC (or the STLC3080) used in kit with
the STLC5048 just splits the AC/DC component of Iline, scales it and traduces it into a voltage via RS.
As shown in Fig. 3, the scaled current is converted into a voltage through the external resistor Rs = 4100 Ohm
(8200 Ohm for the STLC3080): this value is fixed (i.e. independent on the administration): the attenuation be-
tween VLINE and VFXI is dependent on the administration.
Considering the TX gain we can proceed as follows for the gain calculation:
TXG = 0dB
GX = 0dB
GRX
TIP
RS
CAC
ILTF
RDC
D00TL472
RS
8200
Ω
RING
RP
RP
VFRO
VFXI
GTX
CHANNEL
FILTER
ECO
CANCELING
Z
SYNTHESIS
CHANNEL
FILTER
+
+
RX
DR
DX
2
-1
1
Zadm
Iline
TX
1
STLC5048
GRX
TIP
RPC
CAC
IL
D00TL473
RS
4100
Ω
RING
RP
RP
VFRO
VFXI
GTX
CHANNEL
FILTER
ECO
CANCELING
Z
SYNTHESIS
CHANNEL
FILTER
+
+
RX
DR
DX
2
-1
1
Zadm
Iline
TX
1
STLC5048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com