Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics STLC5048 Datasheet HTML 40Page - STMicroelectronics STLC5048 Datasheet HTML 41Page - STMicroelectronics STLC5048 Datasheet HTML 42Page - STMicroelectronics STLC5048 Datasheet HTML 43Page - STMicroelectronics STLC5048 Datasheet HTML 44Page - STMicroelectronics STLC5048 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
43/45
STLC5048
APPENDIX C
Power Up Sequence
The DSP after an HW (M1=0) or SW reset (CONF[7]=1) or a Power-on reset (POR) has to perform the INIT
proram. To do it at least one channel must be set in active mode.
After that, (2 FS are required), the INIT bit in the CTRLACK register is set to 1 and the RAM can be written and
read. It must be noted that to program the device the MCLK and FS signals must be applied to the device.
Following, the correct sequence that must be used in order to program the device.
Power on sequence
wait 5 FS signals for PLL locking
CONF=BF
Sw Reset enabled after reset
write CONF=3F
Sw Reset disabled
write CONF=30
All Channel Active
wait 2 FS signals
read CTRLACK=03
Check INIT bit =1
Before to start the coefficent download, one or more channels must be selected using the COMEN register. The
download can be done keeping the device in Active mode (at least one channel active) or in Power Down mode
(all channels in Power Down). If the second choice is selected, the PDR bit in the COMEN register must be set
to 0 (internal RAM active also in Power Down mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com