Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 20Page - STMicroelectronics STLC5048 Datasheet HTML 21Page - STMicroelectronics STLC5048 Datasheet HTML 22Page - STMicroelectronics STLC5048 Datasheet HTML 23Page - STMicroelectronics STLC5048 Datasheet HTML 24Page - STMicroelectronics STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
STLC5048
24/45
Transmit Time Slot ch #1 (DXTS1)
Addr=53h; Reset Value=00h
EN1=0: Selected transmit time slot on DX output is in H.I.
EN1=1: Selected transmit time slot on DX output is active carrying out the PCM encoded signal of VFXI1.
T16..0: Define time slot number (0 to 127) on which PCM encoded signal of VFXI1 is carried out.
If linear mode is selected (LIN=1 of CONF register) the 16 bits will be carried out as follows: the 8 most signifi-
cant bits in the programmed time slot, the 8 least significant bits in the following time slot.
Example: if T16..T10=00:
Transmit Time Slot ch #2 (DXTS2)
Addr=54h; Reset Value=00h
EN2=0: Selected transmit time slot on DX output is in H.I.
EN2=1: Selected transmit time slot on DX output is active carrying out the PCM encoded signal of VFXI2.
T26..0:
Define time slot number (0 to 127) on which PCM encoded signal of VFXI2 is carried out.
If linear mode is selected (LIN=1 of CONF register) the 16 bits will be carried out as follows: the 8 most signifi-
cant bits in the programmed time slot, the 8 least significant bits in the following time slot.
Example: if T26..T20=00:
Transmit Time Slot ch #3 (DXTS3)
Addr=55h; Reset Value=00h
EN3=0: Selected transmit time slot on DX output is in H.I.
EN3=1: Selected transmit time slot on DX output is active carrying out the PCM encoded signal of VFXI3.
T36..0:
Define time slot number (0 to 127) on which PCM encoded signal of VFXI3 is carried out.
If linear mode is selected (LIN=1 of CONF register) the 16 bits will be carried out as follows: the 8 most signifi-
cant bits in the programmed time slot, the 8 least significant bits in the following timeslot.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010011
EN1
T16
T15
T14
T13
T12
T11
T10
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010100
EN2
T26
T25
T24
T23
T22
T21
T20
TS0
TS1
15
14
13
12
11
10
9865437210
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
1
010101
EN3
T36
T35
T34
T33
T32
T31
T30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com