Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 25Page - STMicroelectronics STLC5048 Datasheet HTML 26Page - STMicroelectronics STLC5048 Datasheet HTML 27Page - STMicroelectronics STLC5048 Datasheet HTML 28Page - STMicroelectronics STLC5048 Datasheet HTML 29Page - STMicroelectronics STLC5048 Datasheet HTML 30Page - STMicroelectronics STLC5048 Datasheet HTML 31Page - STMicroelectronics STLC5048 Datasheet HTML 32Page - STMicroelectronics STLC5048 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
29/45
STLC5048
Start Checksum Calculation (CKSTART)
This single instruction is used to start the checksum calculation of the enetered data used to configure the device.
COMMAND LIST
(*) For this two commands the bit set in the COMEN register are not considered.
COMMAND DESCRIPTION
Each command is transferred on every channel that has the proper bit in the COMEN register set to 1.
Block Enable command (BLKEN)
Reset Value=00h
The command is used to enable/disable the B, Z, R and X blocks
BE=1: The B block is equal to an open circuit
BE=0: The B block is configured as defined in the Ringing state or with the programmed value
ZE=1: The Z block is equal to an open circuit
ZE=0: The Z block is configured as defined in the Ringing state or with the programmed value
RE=1: The R block is equal to a short circuit
RE=0: The R block is configured as defined in the Ringing state or with the programmed value
XE=1: The X block is equal to a short circuit
XE=0: The X block is configured as defined in the Ringing state or with the programmed value
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
00
101001
Name
Description
ID
BLKEN
Block enable
22h
KDF
KD Filter
30h
AFECFF
AFE KA Coefficient (*)
31h
T_OUT
Timeout value (*)
32h
GRX
Receive Gain
40h
GTX
Transmit Gain
41h
RFC
R Filter Coefficient
42h
XFC
X Filter Coefficient
43h
BFC
B Filter Coefficient
44h
ZFC
Z Filter Coefficient
45h
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
100010
XE
RE
ZE
BE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com