Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5048 Datasheet HTML 1Page - STMicroelectronics STLC5048 Datasheet HTML 2Page - STMicroelectronics STLC5048 Datasheet HTML 3Page - STMicroelectronics STLC5048 Datasheet HTML 4Page - STMicroelectronics STLC5048 Datasheet HTML 5Page - STMicroelectronics STLC5048 Datasheet HTML 6Page - STMicroelectronics STLC5048 Datasheet HTML 7Page - STMicroelectronics STLC5048 Datasheet HTML 8Page - STMicroelectronics STLC5048 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
1/45
STLC5048
January 2003
s
FULLY PROGRAMMABLE MONOLITHIC 4
CHANNEL CODEC/FILTER
s
SINGLE +3.3V SUPPLY
s
A/m LAW PROGRAMMABLE
s
LINEAR CODING (16 BITS) OPTION
s
PCM HIGHWAY FORMAT AUTOMATICALLY
DETECTED:1.536 or 1.544 MHz2.048, 4.096,
8192 MHz
s
TWO PCM PORTS AVAILABLE
s
TX GAIN PROGRAMMING: 33dB RANGE;
<0.01dB STEP
s
RX GAIN PROGRAMMING:42dB RANGE;
<0.01dB STEP
s
PROGRAMMABLE SLIC INPUT IMPEDANCE
s
PROGRAMMABLE TRANSHYBRID BALANCE
FILTER
s
PROGRAMMABLE EQUALIZATION
(FREQUENCY RESPONSE)
s
PROGRAMMABLE TIME SLOT ASSIGNMENT
s
DIGITAL AND ANALOG LOOPBACKS
s
SLIC CONTROL PORTSTATIC (16 I/Os)
DYNAMIC (12 I/Os + 4 CS)
s
BUILT-IN TEST MODE WITH TONE
GENERATION, MCU ACCESS TO PCM DATA
s
64 TQFP (10X10mm) PACKAGE
s
PROGRAMMABLE SLIC LINE CURRENT
LIMITATION
s
PROGRAMMABLE SLIC OFF-HOOK
DETECTION THRESHOLD
DESCRIPTION
The STLC5048 is a monolithic fully programmable 4
channel CODEC and filter. It operates with a single
+3.3V supply.
The analog interface is based on a receive output
buffer driving the SLIC RX input and on an amplifier
input stage normally driven by the SLIC TX output.
Due to the single supply voltage a midsupply refer-
ence level is generated internally by the device and
all analog signals are referred to this level (AGND).
The PCM interface uses one common 8KHz frame
sync. pulse for transmit and receive direction. The bit
clock is automatically detected between four stan-
dards:
1.563/1.544MHz,
2.048MHz,
4.096MHz,
8192MHz.
Two PCM port are provided: the channels can be
connected to port A or/and B.
Device programmability is achieved
by means of
several registers and commands allowing to set the
different parameters like TX/RX gains, line imped-
ance, transhybrid balance, equalization (frequency
response), encoding law (A/
µ), time slot assignment,
independent channels power up/down, loopbacks,
PCM bits offset.
The STLC5048 can be programmed via serial inter-
face running up to 8 MHz. One interrupt output pin is
also provided.
A GUI interface is also available to emulate and pro-
gram the coefficients for impedance synthesis, echo
cancelling and channel filtering.
TQFP64 (10x10mm)
ORDERING NUMBER: STLC5048
FULLY PROGRAMMABLE
FOUR CHANNEL CODEC AND FILTER


Similar Part No. - STLC5048

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
More results

Similar Description - STLC5048

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
COMBO II Programmable PCM CODEC/Filter
logo
NXP Semiconductors
SAA2003 PHILIPS-SAA2003 Datasheet
176Kb / 44P
Stereo filter and codec
May 1994
logo
STMicroelectronics
STLC5046 STMICROELECTRONICS-STLC5046 Datasheet
207Kb / 27P
PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
Dec-1999
TS5070 STMICROELECTRONICS-TS5070 Datasheet
284Kb / 32P
PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
Dec-1997
logo
Siemens Semiconductor G...
PEB2465 SIEMENS-PEB2465 Datasheet
1Mb / 88P
Four Channel Codec Filter
PEB2466 SIEMENS-PEB2466 Datasheet
3Mb / 82P
Four Channel Codec Filter with PCM- and m-Controller Interface SICOFI4-mC
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
Four-Channel Wideband Programmable
August 2004
logo
Infineon Technologies A...
PEB2466 INFINEON-PEB2466 Datasheet
1Mb / 73P
Four Channel Codec Filter with PCM and Microcontroller Interface
DS 1, Feb. 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com