Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 36Page - STMicroelectronics STLC5048 Datasheet HTML 37Page - STMicroelectronics STLC5048 Datasheet HTML 38Page - STMicroelectronics STLC5048 Datasheet HTML 39Page - STMicroelectronics STLC5048 Datasheet HTML 40Page - STMicroelectronics STLC5048 Datasheet HTML 41Page - STMicroelectronics STLC5048 Datasheet HTML 42Page - STMicroelectronics STLC5048 Datasheet HTML 43Page - STMicroelectronics STLC5048 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
STLC5048
40/45
(As reported in the absolute gain levels with 61Vrms at VFXI and GX=0dB, the DX output is 0dBm0).
For instance let's calculate which TX gain to program if +4.2dBr @ 600 Ohm is to be set:
VLINE = 0dBm @ 600Ohm
In case of STLC3080 the scaling factor is 100 (instead of 50) while the Rs value is 8200 (instead of 4100) so
the result is the same.
Refering to the formula (1), to have DX equal to 4.2dB with VLINE=0dBm GX must be set to GX = 4.2 - 4.78 =
-0.58dB.
Figure 10. Absolute gain in TX path.
VF XI
VLIN E
600
-------------------
1
50
------
4100
⋅⋅
=
VFXI
VLINE
600
-------------------
1
100
---------- 8200
⋅⋅
=
VLINE
D00TL474
Iline
RS
4100
Ω
(8200 for
STLC3080)
VFXI
VFXI = (-Iline/50)*4100 for L3235N
VFXI = (-Iline/100)*8200 for STLC3080
GX
TXG
1/100 for
STLC3080
1/50
DX
Zadm
STLC5048
L3235N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com