Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5048 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC5048
Description  FULLY PROGRAMMABLE FOUR CHANNEL CODEC AND FILTER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5048 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC5048 Datasheet HTML 12Page - STMicroelectronics STLC5048 Datasheet HTML 13Page - STMicroelectronics STLC5048 Datasheet HTML 14Page - STMicroelectronics STLC5048 Datasheet HTML 15Page - STMicroelectronics STLC5048 Datasheet HTML 16Page - STMicroelectronics STLC5048 Datasheet HTML 17Page - STMicroelectronics STLC5048 Datasheet HTML 18Page - STMicroelectronics STLC5048 Datasheet HTML 19Page - STMicroelectronics STLC5048 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
STLC5048
16/45
If bit 4 of CONF register (STA)=1 Static I/O mode:
CD0..3 are transferred to the corresponding CS pin if configured as static output (see register DATA1). For the
CS pins configured as static inputs the corresponding CD0..3 will be written by the values applied to those pins.
I/O Data Register channel #3 (DATA3)
Addr=08h; Reset Value=00h
Addr=09h; Reset Value=X0h
Used only if bit 4 of CONF register (STA)=0; Dynamic I/O mode:
When CS3 is active D311..0 are transferred to the corresponding I/O pins configured as outputs (see DIR reg-
ister). For the I/O pins configured as inputs the corresponding D311..0 will be written by the values applied to
those pins while CS3 is low.
If bit4 of CONF register (STA) = 1
Static I/O mode:
D33..0=1: The corresponding CSn cannot generate interrupt.
D33..0=0: The corresponding I/O (programmed as input) can generate interrupt if a change of status is detected.
Persistency Check Register (PCHK-A/B)
Addr=0Ah; Reset Value=00h
Addr=0Bh; Reset Value=00h
Two input signal per channel, labelled A and B, are submitted to persistency check.
In dynamic mode (STA=0), A and B inputs of the four channels, are sampled on the multiplexed lines IO0 (pin
13) and IO1 (pin 14).
In static mode (STA=1) persistency check is performed on four pairs of lines, assigned to each channel accord-
ing to the table:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
000110
CD3
CD2
CD1
CD0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
001000
D37
D36
D35
D34
D33
D32
D31
D30
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
R/W
0
001001
D311
D310
D39
D38
CHAN #
Input A
Input B
0IO0 (pin 19)
IO1 (pin 14)
1IO4 (pin 17)
IO5 (pin 18)
2IO6 (pin 48)
IO7 (pin 47)
3IO10 (pin 44)
IO11 (pin 43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com