Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 30Page - Renesas Technology Corp HD404324FS Datasheet HTML 31Page - Renesas Technology Corp HD404324FS Datasheet HTML 32Page - Renesas Technology Corp HD404324FS Datasheet HTML 33Page - Renesas Technology Corp HD404324FS Datasheet HTML 34Page - Renesas Technology Corp HD404324FS Datasheet HTML 35Page - Renesas Technology Corp HD404324FS Datasheet HTML 36Page - Renesas Technology Corp HD404324FS Datasheet HTML 37Page - Renesas Technology Corp HD404324FS Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 103 page
background image
HD404054 Series/HD404094 Series
32
Input/Output
The MCU has 27 input/output pins (D
0–D9, R0 0–R43) and 8 input pins (D12, D13, RC0, RD0– RD3, RE0). The
features are described below. Some input/output pins have different features between the HD404054 Series
and HD404094 Series. The differences between the HD404054 Series and HD404094 Series are listed in
table 19.
• A maximum current of 15 mA is allowed for each of the pins D
4 to D9 with a total maximum current of
less than 105 mA. In addition, D
0–D3 can each act as a 10-mA maximum current source.
• Some input/output pins are multiplexed with peripheral function pins such as for the timers or serial
interface. For these pins, the peripheral function setting is done prior to the D or R port setting.
Therefore, when a peripheral function is selected for a pin, the pin function and input/output selection
are automatically switched according to the setting.
• Input or output selection for input/output pins and port or peripheral function selection for multiplexed
pins are set by software.
• Peripheral function output pins are CMOS output pins. Only the R4
3/SO1 pin can be set to NMOS open-
drain output by software.
• In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. Input/output
pins are in high-impedance state.
• Pins D
0–D3 have built-in pull-down MOSs, and other input/output pins have built-in pull-up MOSs,
which can be individually turned on or off by software.
I/O buffer configuration is shown in figure 19 programmable I/O circuits are listed in table 20, and I/O pin
circuit types are shown in table 21.
Table 19
The differences between HD404054 Series and HD404094 Series
HD404054 Series
HD404094 Series
Large-current source pins (15 mA)
D
0–D 3
D
0–D 3
Large-current sink pins (10 mA)
D
4–D 9
D
8, D9
Intermediate voltage NMOS open-drain
pins (12 V)
D
4–D 7 (output only)
Pull-down MOS current pins
D
0–D 3
D
0–D 3
Pull-up MOS current pins
D
4–D 9, R0–R4
D
8, D9, R0–R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com