Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 69Page - Renesas Technology Corp HD404324FS Datasheet HTML 70Page - Renesas Technology Corp HD404324FS Datasheet HTML 71Page - Renesas Technology Corp HD404324FS Datasheet HTML 72Page - Renesas Technology Corp HD404324FS Datasheet HTML 73Page - Renesas Technology Corp HD404324FS Datasheet HTML 74Page - Renesas Technology Corp HD404324FS Datasheet HTML 75Page - Renesas Technology Corp HD404324FS Datasheet HTML 76Page - Renesas Technology Corp HD404324FS Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
HD404054 Series/HD404094 Series
71
Registers for Serial Interface
The serial interface operation is selected, and serial data is read and written by the following registers.
• Serial mode register 1A (SM1A: $005)
• Serial mode register 1B (SM1B: $028)
• Serial data register 1 (SR1L: $006, SR1U: $007)
• Port mode register A (PMRA: $004)
• Miscellaneous register (MIS: $00C)
Serial Mode Register 1A (SM1A: $005): This register has the following functions (figure 53).
• R4
1/SCK 1 pin function selection
• Serial interface 1 transmit clock selection
• Serial interface 1 prescaler division ratio selection
• Serial interface 1 initialization
Serial mode register 1A (SM1A: $005) is a 4-bit write-only register. It is reset to $0 by MCU reset.
A write signal input to serial mode register 1A (SM1A: $005) discontinues the input of the transmit clock
to serial data register 1 (SR1L: $006, SR1U: $007) and the octal counter, and the octal counter is reset to
000. Therefore, if a write is performed during data transfer, the serial 1 interrupt request flag (IFS1: $003,
bit 2) is set.
Written data is valid from the second instruction execution cycle after the write operation, so the STS
instruction must be executed at least two cycles after that.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com