Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 67Page - Renesas Technology Corp HD404324FS Datasheet HTML 68Page - Renesas Technology Corp HD404324FS Datasheet HTML 69Page - Renesas Technology Corp HD404324FS Datasheet HTML 70Page - Renesas Technology Corp HD404324FS Datasheet HTML 71Page - Renesas Technology Corp HD404324FS Datasheet HTML 72Page - Renesas Technology Corp HD404324FS Datasheet HTML 73Page - Renesas Technology Corp HD404324FS Datasheet HTML 74Page - Renesas Technology Corp HD404324FS Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
HD404054 Series/HD404094 Series
69
Transmit Clock Error Detection (In External Clock Mode): The serial interface will malfunction if a
spurious pulse caused by external noise conflicts with a normal transmit clock during transfer. A transmit
clock error of this type can be detected as shown in figure 52.
If more than eight transmit clocks are input in transfer state, at the eighth clock including a spurious pulse
by noise, the octal counter reaches 000, the serial 1 interrupt request flag (IFS1: $003, bit 2) is set, and
transmit clock wait state is entered. At the falling edge of the next normal clock signal, the transfer state is
entered. After the transfer is completed and IFS is reset, writing to serial mode register 1A (SM1A: $005)
changes the state from transfer to STS wait. At this time serial interface 1 is in the transfer state, and the
serial 1 interrupt request flag is set again, and therefore the error can be detected.
Notes on Use:
• Initialization after writing to registers: If port mode register A (PMRA: $004) is written to in transmit
clock wait state or in transfer state, the serial interface must be initialized by writing to serial mode
register 1A (SM1A: $005) again.
• Serial 1 interrupt request flag (IFS1: $003, bit 2) set: For serial interface 1, if the state is changed from
transfer state to another by writing to serial mode register 1A (SM1A: $005) or executing the STS
instruction during the first low pulse of the transmit clock, the serial 1 interrupt request flag is not set.
To set the serial 1 interrupt request flag, a serial mode register 1A write or STS instruction execution
must be programmed to be executed after confirming that the
SCK
1 pin is at 1, that is, after executing
the input instruction to port R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com