Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404324FS Datasheet HTML 1Page - Renesas Technology Corp HD404324FS Datasheet HTML 2Page - Renesas Technology Corp HD404324FS Datasheet HTML 3Page - Renesas Technology Corp HD404324FS Datasheet HTML 4Page - Renesas Technology Corp HD404324FS Datasheet HTML 5Page - Renesas Technology Corp HD404324FS Datasheet HTML 6Page - Renesas Technology Corp HD404324FS Datasheet HTML 7Page - Renesas Technology Corp HD404324FS Datasheet HTML 8Page - Renesas Technology Corp HD404324FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
HD404054 Series/HD404094 Series
Rev. 6.0
Sept. 1998
Description
The HD404054 Series and HD404094 Series are HMCS400-series microcomputers designed to increase
program productivity with large-capacity memory. Each microcomputer has three timers, one serial
interface, comparator, input capture circuit.
The HD404054 Series includes three chips: the HD404052 with 2-kword ROM; the HD404054 with 4-
kword ROM; and the HD4074054 with 4-kword PROM (ZTAT
™ version). Also, the HD404094 Series
includes three chips: the HD404092 with 2-kword ROM; the HD404094 with 4-kword ROM; and the
HD4074094 with 4-kword PROM (ZTAT
™ version).
The HD4074054 and HD4074094 are PROM version (ZTAT
™ microcomputers). Program can be written
to the PROM by a PROM writer, which can dramatically shorten system development periods and smooth
the process from debugging to mass production. (The ZTAT
™version is 27256-compatible.)
Features
• The differences between HD404054 Series and HD404094 Series
HD404054 Series
HD404094 Series
I/O pins
10 large-current output pins: Six 15-mA sinks
and four 10-mA sources
• 6 largecurrent output pins: Two 15-mA
sinks and four 10-mA sources
• 4 intermediate voltage output pins
• 27 I/O pins and 8 dedicated input pins
• Three timer/counters
• Eight-bit input capture circuit
• Two timer outputs (including two PWM outputs)
• One event counter inputs (including one double-edge function)
• One clock-synchronous 8-bit serial interface
• Comparator (2 channels)
• Built-in oscillators
 Main clock: Ceramic or crystal oscillator (an external clock is also possible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com