Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 78Page - Renesas Technology Corp HD404324FS Datasheet HTML 79Page - Renesas Technology Corp HD404324FS Datasheet HTML 80Page - Renesas Technology Corp HD404324FS Datasheet HTML 81Page - Renesas Technology Corp HD404324FS Datasheet HTML 82Page - Renesas Technology Corp HD404324FS Datasheet HTML 83Page - Renesas Technology Corp HD404324FS Datasheet HTML 84Page - Renesas Technology Corp HD404324FS Datasheet HTML 85Page - Renesas Technology Corp HD404324FS Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
HD404054 Series/HD404094 Series
80
Programming the Built-In PROM
The MCU’s built-in PROM is programmed in PROM mode. PROM mode is set by pulling
TEST, M
0, and
M
1 low, and RESET low as shown in figure 63.
In PROM mode, the MCU does not operate, but it can be
programmed in the same way as any other commercial 27256-type EPROM using a standard PROM
programmer and an 42-to-28-pin socket adapter. Recommended PROM programmers and socket adapters
of the HD4074054 and HD4074094 are listed in table 27.
Since an HMCS400-series instruction is ten bits long, the HMCS400-series MCU has a built-in conversion
circuit to enable the use of a general-purpose PROM programmer. This circuit splits each instruction into
five lower bits and five upper bits that are read from or written to consecutive addresses. This means that
if, for example, 4-kwords of built-in PROM are to be programmed by a general-purpose PROM
programmer, a 8-kbyte address space ($0000–$7FFF) must be specified.
Address
A0 to A14
Data
O0 to O7
OE
CE
VPP
GND
VCC
VCC
O0 to O7
A0 to A14
OE
CE
VPP
RESET
TEST
M0
M1
VCC
OSC1
D2
D3
HD4074054
HD4074094
Figure 63 PROM Mode Connections
Table 27
Recommended PROM Programmers and Socket Adapters
PROM Programmer
Socket Adapter
Manufacturer
Model Name
Package
Model Name
Manufacturer
DATA I/O Corp.
121B
DP-42S
HS4654ESS01H
Hitachi
AVAL Corp.
PKW-1000
FP-44A
HS4654ESH01H
Hitachi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com