Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 24Page - Renesas Technology Corp HD404324FS Datasheet HTML 25Page - Renesas Technology Corp HD404324FS Datasheet HTML 26Page - Renesas Technology Corp HD404324FS Datasheet HTML 27Page - Renesas Technology Corp HD404324FS Datasheet HTML 28Page - Renesas Technology Corp HD404324FS Datasheet HTML 29Page - Renesas Technology Corp HD404324FS Datasheet HTML 30Page - Renesas Technology Corp HD404324FS Datasheet HTML 31Page - Renesas Technology Corp HD404324FS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 103 page
background image
HD404054 Series/HD404094 Series
26














Stop mode
Oscillator
Internal
clock
STOP instruction execution
tres ≥ tRC (stabilization period)
tres




,

STOP
or
RESET
Figure 13 Timing of Stop Mode Cancellation
Stop Mode Cancellation by
STOPC: The MCU enters active mode from stop mode by inputting STOPC
as well as by
RESET. In either case, the MCU starts instruction execution from the starting address
(address 0) of the program. However, the value of the RAM enable flag (RAME: $021, bit 3) differs
between cancellation by
STOPC and by RESET. When stop mode is cancelled by RESET, RAME = 0;
when cancelled by
STOPC, RAME = 1. RESET can cancel all modes, but STOPC is valid only in stop
mode;
STOPC input is ignored in other modes. Therefore, when the program requires to confirm that stop
mode has been cancelled by
STOPC (for example, when the RAM contents before entering stop mode is
used after transition to active mode), execute the TEST instruction to the RAM enable flag (RAME) at the
beginning of the program.
MCU Operation Sequence: The MCU operates in the sequences shown in figures 14 to 16. It is reset by
an asynchronous
RESET input, regardless of its status.
The low-power mode operation sequence is shown in figure 16. With the IE flag cleared and an interrupt
flag set together with its interrupt mask cleared, if a STOP/SBY instruction is executed, the instruction is
cancelled (regarded as an NOP) and the following instruction is executed. Before executing a STOP/SBY
instruction, make sure all interrupt flags are cleared or all interrupts are masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com