Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 63Page - Renesas Technology Corp HD404324FS Datasheet HTML 64Page - Renesas Technology Corp HD404324FS Datasheet HTML 65Page - Renesas Technology Corp HD404324FS Datasheet HTML 66Page - Renesas Technology Corp HD404324FS Datasheet HTML 67Page - Renesas Technology Corp HD404324FS Datasheet HTML 68Page - Renesas Technology Corp HD404324FS Datasheet HTML 69Page - Renesas Technology Corp HD404324FS Datasheet HTML 70Page - Renesas Technology Corp HD404324FS Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
HD404054 Series/HD404094 Series
65
Serial Interface Operation
Selecting and Changing the Operating Mode: Table 25 lists the serial interface’s operating modes. To
select an operating mode, use one of these combinations of port mode register A (PMRA: $004), and serial
mode register 1A (SM1A: $005) settings; to change the operating mode of serial interface 1, always
initialize the serial interface internally by writing data to serial mode register 1A. Note that serial interface
1 is initialized by writing data to serial mode register 1A. Refer to the following section Registers for
Serial Interface for details.
Pin Setting: The R4
1/SCK1 pin is controlled by writing data to serial mode register 1A (SM1A: $005).
Pins R4
2/SI1 and R4 3/SO1 are controlled by writing data to port mode register A (PMRA: $004).
Refer to
the following section Registers for Serial Interface for details.
Transmit Clock Source Setting: The transmit clock source of serial interface 1 is set by writing data to
serial mode register 1A (SM1A: $005) and serial mode register 1B (SM1B: $028). Refer to the following
section Registers for Serial Interface for details.
Data Setting: Transmit data of serial interface 1 is set by writing data to serial data register 1 (SR1L:
$006, SR1U: $007). Receive data of serial interface 1 is obtained by reading the contents of serial data
register 1. The serial data is shifted by the transmit clock and is input from or output to an external system.
The output level of the SO
1 pin is invalid until the first data is output after MCU reset, or until the output
level control in idle states is performed.
Transfer Control: Serial interface 1 is activated by the STS instruction. The octal counter is reset to 000
by the STS instruction, and it increments at the rising edge of the transmit clock for serial interface. When
the eighth transmit clock signal is input or when serial transmission/reception is discontinued, the octal
counter is reset to 000, the serial 1 interrupt request flag (IFS1: $003, bit 2) for serial interface 1 is set, and
the transfer stops.
When the prescaler output is selected as the transmit clock of serial interface 1, the transmit clock
frequency is selected as 4t
cyc to 8192tcyc by setting bits 0 to 2 (SM1A0–SM1A2) of serial mode register 1A
(SM1A: $005) and bit 0 (SM1B0) of serial mode register 1B (SM1B: $028) as listed in table 26.
Table 25
Serial Interface 1 Operating Modes
SM1A
PMRA
Bit 3
Bit 1
Bit 0
Operating Mode
1
0
0
Continuous clock output mode
1
Transmit mode
1
0
Receive mode
1
Transmit/receive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com