Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 28Page - Renesas Technology Corp HD404324FS Datasheet HTML 29Page - Renesas Technology Corp HD404324FS Datasheet HTML 30Page - Renesas Technology Corp HD404324FS Datasheet HTML 31Page - Renesas Technology Corp HD404324FS Datasheet HTML 32Page - Renesas Technology Corp HD404324FS Datasheet HTML 33Page - Renesas Technology Corp HD404324FS Datasheet HTML 34Page - Renesas Technology Corp HD404324FS Datasheet HTML 35Page - Renesas Technology Corp HD404324FS Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 103 page
background image
HD404054 Series/HD404094 Series
30
Internal Oscillator Circuit
A block diagram of the clock generation circuit is shown in figure 17. As shown in table 18, a ceramic
oscillator can be connected to OSC
1 and OSC2.
The system oscillator can also be operated by an external
clock.
After
RESET input or after stop mode has been cancelled, the division ratio of the system clock can be
selected as 1/4 or 1/32 by setting the SEL pin level.
• 1/4 division ratio: Connect SEL to V
CC.
• 1/32 division ratio: Connect SEL to GND.
OSC2
OSC1
System
oscillator
1/4 or
1/32
division
circuit*
Timing
generator
circuit
CPU with ROM,
RAM, registers,
flags, and I/O
Peripheral
function
interrupt
fcyc
tcyc
fOSC
φ
CPU
φ
PER
Note: * 1/4 or 1/32 division ratio can be selected by SEL pin.
Figure 17 Clock Generation Circuit
OSC2
GND
RESET
OSC1
RE0
TEST
GND
Figure 18 Typical Layout of Ceramic Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com