Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 29Page - Renesas Technology Corp HD404324FS Datasheet HTML 30Page - Renesas Technology Corp HD404324FS Datasheet HTML 31Page - Renesas Technology Corp HD404324FS Datasheet HTML 32Page - Renesas Technology Corp HD404324FS Datasheet HTML 33Page - Renesas Technology Corp HD404324FS Datasheet HTML 34Page - Renesas Technology Corp HD404324FS Datasheet HTML 35Page - Renesas Technology Corp HD404324FS Datasheet HTML 36Page - Renesas Technology Corp HD404324FS Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
HD404054 Series/HD404094 Series
31
Table 18
Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
Ceramic oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
oscillator
GND
Ceramic oscillator: CSB400P22 (Murata),
CSB400P (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 220 pF ± 5%
Ceramic oscillator: CSB800J122 (Murata),
CSB800J (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 220 pF ± 5%
Ceramic oscillator: CSA2.00MG (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 30 pF ± 20%
Ceramic oscillator: CSA4.00MG (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 30 pF ± 20%
Ceramic oscillator: CSA3.58MG (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 30 pF ± 20%
Notes: 1. Since the circuit constants change depending on the ceramic oscillator and stray capacitance of
the board, the user should consult with the ceramic oscillator manufacturer to determine the
circuit parameters.
2. Wiring among OSC
1, OSC 2, and elements should be as short as possible, and must not cross
other wiring (see figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com