Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 50Page - Renesas Technology Corp HD404324FS Datasheet HTML 51Page - Renesas Technology Corp HD404324FS Datasheet HTML 52Page - Renesas Technology Corp HD404324FS Datasheet HTML 53Page - Renesas Technology Corp HD404324FS Datasheet HTML 54Page - Renesas Technology Corp HD404324FS Datasheet HTML 55Page - Renesas Technology Corp HD404324FS Datasheet HTML 56Page - Renesas Technology Corp HD404324FS Datasheet HTML 57Page - Renesas Technology Corp HD404324FS Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 103 page
background image
HD404054 Series/HD404094 Series
52
• Timer mode register C2 (TMC2: $014): Three-bit read/write register that selects the timer C output
mode as shown in figure 35. It is reset to $0 by MCU reset.
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
0
R/W
TMC22
0
0
R/W
TMC20
1
0
R/W
TMC21
Timer mode register C2 (TMC2: $014)
TMC22
0
TMC21
R31/TOC mode selection
R31
TOC
TOC
TOC
—
TOC
R31 port
Toggle output
0 output
1 output
Inhibited
PWM output
TMC20
0
1
0
1
0
1
0
1
0
1
10
1
Figure 35 Timer Mode Register C2 (TMC2)
• Timer write register C (TWCL: $00E, TWCU: $00F): Write-only register consisting of a lower digit
(TWCL) and an upper digit (TWCU) as shown in figures 36 and 37. The lower digit is reset to $0 by
MCU reset, but the upper digit value is invalid.
Timer C is initialized by writing to timer write register C (TWCL: $00E, TWCU: $00F). In this case,
the lower digit (TWCL) must be written to first, but writing only to the lower digit does not change the
timer C value. Timer C is initialized to the value in timer write register C at the same time the upper
digit (TWCU) is written to. When timer write register C is written to again and if the lower digit value
needs no change, writing only to the upper digit initializes timer C.
Bit
Initial value
Read/Write
Bit name
3
0
W
TWCL3
2
0
W
TWCL2
0
0
W
TWCL0
1
0
W
TWCL1
Timer write register C (lower digit) (TWCL: $00E)
Figure 36 Timer Write Register C Lower Digit (TWCL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com