Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 89Page - Renesas Technology Corp HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp HD404324FS Datasheet HTML 95Page - Renesas Technology Corp HD404324FS Datasheet HTML 96Page - Renesas Technology Corp HD404324FS Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 103 page
background image
HD404054 Series/HD404094 Series
91
I/O Characteristics for High-Current Pins and Intermediate-Voltage Pins (HD404052, HD404054,
HD404092, HD404094: V
CC = 1.8 V to 6.0 V, GND = 0 V, T a = –20°C to +75°C; HD40A4052,
HD40A4054: V
CC = 4.0 V to 6.0 V, GND = 0 V, T a = –20°C to +75°C; HD4074054, HD4074094: VCC =
2.7 V to 5.5 V, GND = 0 V, T
a = –20°C to +75°C, unless otherwise specified)
Pin(s)
Item
Symbol
HD404054
Series
HD404094
Series
Min
Typ
Max
Unit
Test
Condition
Notes
Input high
voltage
V
IH
D
0–D 9
D
0–D 3,
D
8, D9
0.7 V
CC
—V
CC + 0.3
V
Input low
voltage
V
IL
D
0–D 9
D
0–D 3,
D
8, D9
–0.3
—
0.3 V
CC
V
Output high
voltage
V
OH
D
0–D 9
D
0–D 3,
D
8, D9
V
CC – 1.0
—
—
V
–I
OH = 0.5 mA
D
0–D 3
D
0–D 3
2.0
—
—
V
–I
OH = 10 mA,
V
CC = 4.5 V to
6.0 V
2
—D
4–D 7
11.5
—
—
V
500 k
Ω at 12 V
Output low
voltage
V
OL
D
0–D 9
D
0–D 9
—
—
0.4
V
I
OL = 0.4 mA
D
4–D 9
D
4–D 9
—
—
2.0
V
I
OL = 15 mA,
V
CC = 4.5 V to
6.0 V
2
I/O leakage
current
| I
IL |D0–D 9
D
0–D 3,
D
8, D9
——
1
µAV
in = 0 V to VCC 1
—D
4–D 7
——
20
µAV
in = 0 V to
12 V
1
Pull-down
MOS current
I
PD
D
0–D 3
D
0–D 3
—30
—
µAV
CC = 3 V,
V
in = 3 V
3
—
20
100
500
µAV
CC = 5 V,
V
in = 5 V
4
Pull-up MOS
current
–I
PU
D
4–D 9
D
8, D9
—30
—
µAV
CC = 3 V,
V
in = 0 V
3
—
20
100
500
µAV
CC = 5 V,
V
in = 0 V
4
Notes: 1. Output buffer current is excluded.
2. When using HD4074054, HD4074094, V
CC = 4.5 V to 5.5 V.
3. Applies to HD404052, HD404054, HD4074054, HD404092, HD404094, HD4074094.
4. Applies to HD40A4052, HD40A4054.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com