Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 88Page - Renesas Technology Corp HD404324FS Datasheet HTML 89Page - Renesas Technology Corp HD404324FS Datasheet HTML 90Page - Renesas Technology Corp HD404324FS Datasheet HTML 91Page - Renesas Technology Corp HD404324FS Datasheet HTML 92Page - Renesas Technology Corp HD404324FS Datasheet HTML 93Page - Renesas Technology Corp HD404324FS Datasheet HTML 94Page - Renesas Technology Corp HD404324FS Datasheet HTML 95Page - Renesas Technology Corp HD404324FS Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 103 page
background image
HD404054 Series/HD404094 Series
90
I/O Characteristics for Standard Pins (HD404052, HD404054, HD404092, HD404094: V
CC = 1.8 V to
6.0 V, GND = 0 V, T
a = –20°C to +75°C; HD40A4052, HD40A4054: V CC = 4.0 V to 6.0 V, GND = 0 V,
T
a = –20°C to +75°C; HD4074054, HD4074094:
V
CC = 2.7 V
to 5.5 V, GND = 0 V, T
a = –20°C to
+75
°C, unless otherwise specified)
Item
Symbol
Pin(s)
Min
Typ
Max
Unit
Test Condition
Notes
Input high
voltage
V
IH
D
12–D 13,
R0–RD, RE
0
0.7 V
CC
—V
CC + 0.3
V
Input low
voltage
V
IL
D
12–D 13,
R0–RD, RE
0
–0.3
—
0.3 V
CC
V
Output high
voltage
V
OH
R0–R4
V
CC – 1.0
—
—
V
–I
OH = 0.5 mA
Output low
voltage
V
OL
R0–R4
—
—
0.4
V
I
OL = 0.4 mA
I/O leakage
current
| I
IL |D12, R0–RD,
RE
0
——
1
µAV
in = 0 V to VCC
1
D
13
——
1
µAV
in = 0 V to VCC
1, 2,
4
——
1
µAV
in = VCC – 0.3 V to VCC
1, 3
——
20
µAV
in = 0 V to 0.3 V
1, 3
Pull-up MOS
current
–I
PU
R0–R4
—
30
—
µAV
CC = 3 V,
V
in = 0 V
2, 3
20
100
500
µAV
CC = 5 V,
V
in = 0 V
4
Input high
voltage
V
IHA
COMP
0,
COMP
1
—VC
ref+0.0
5
—
V
Analog compare
mode
5
Input low
voltage
V
ILA
COMP
0,
COMP
1
—VC
ref–0.05 —
V
Analog compare
mode
5
Notes: 1. Output buffer current is excluded.
2. Applies to HD404052, HD404054, HD404092, HD404094.
3. Applies to HD4074054, HD4074094.
4. Applies to HD40A4052, HD40A4054.
5. The analog input reference voltage should be in the range 0
≤ VC
ref ≤ VCC–1.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com