Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 47Page - Renesas Technology Corp HD404324FS Datasheet HTML 48Page - Renesas Technology Corp HD404324FS Datasheet HTML 49Page - Renesas Technology Corp HD404324FS Datasheet HTML 50Page - Renesas Technology Corp HD404324FS Datasheet HTML 51Page - Renesas Technology Corp HD404324FS Datasheet HTML 52Page - Renesas Technology Corp HD404324FS Datasheet HTML 53Page - Renesas Technology Corp HD404324FS Datasheet HTML 54Page - Renesas Technology Corp HD404324FS Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 103 page
background image
HD404054 Series/HD404094 Series
49
Timer C Operations:
• Free-running/reload timer operation: The free-running/reload operation, input clock source, and
prescaler division ratio are selected by timer mode register C1 (TMC1: $00D).
Timer C is initialized to the value set in timer write register C (TWCL: $00E, TWCU: $00F) by
software and incremented by one at each clock input. If an input clock is applied to timer C after it has
reached $FF, an overflow is generated. In this case, if the reload timer function is enabled, timer C is
initialized to its initial value set in timer write register C; if the free-running timer function is enabled,
the timer is initialized to $00 and then incremented again.
The overflow sets the timer C interrupt request flag (IFTC: $002, bit 2). IFTC is reset by software or
MCU reset. Refer to figure 3 and table 1 for details.
• Watchdog timer operation: Timer C is used as a watchdog timer for detecting out-of-control program
routines by setting the watchdog on flag (WDON: $020, bit 1) to 1. If a program routine runs out of
control and an overflow is generated, the MCU is reset. Program run can be controlled by initializing
timer C by software before it reaches $FF.
• Timer output operation: The following four output modes can be selected for timer C by setting timer
mode register C2 (TMC2: $014).
Toggle
0 output
1 output
PWM output
By selecting the timer output mode, pin R3
1/TOC is set to TOC. The output from TOC is reset low by
MCU reset.
 Toggle output: When toggle output mode is selected, the output level is inverted if a clock is input
after timer C has reached $FF. By using this function and reload timer function, clock signals can
be output at a required frequency for the buzzer. The output waveform is shown in figure 33.
 PWM output: When PWM output mode is selected, timer C provides the variable-duty pulse output
function. The output waveform differs depending on the contents of timer mode register C1
(TMC1: $00D) and timer write register C (TWCL: $00E, TWCU: $00F). The output waveform is
shown in figure 33.
 0 output: When 0 output mode is selected, the output level is pulled low if a clock is input after
timer C has reached $FF. Note that this function must be used only when the output level is high.
 1 output: When 1 output mode is selected, the output level is set high if a clock is input after timer
C has reached $FF. Note that this function must be used only when the output level is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com