Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 64Page - Renesas Technology Corp HD404324FS Datasheet HTML 65Page - Renesas Technology Corp HD404324FS Datasheet HTML 66Page - Renesas Technology Corp HD404324FS Datasheet HTML 67Page - Renesas Technology Corp HD404324FS Datasheet HTML 68Page - Renesas Technology Corp HD404324FS Datasheet HTML 69Page - Renesas Technology Corp HD404324FS Datasheet HTML 70Page - Renesas Technology Corp HD404324FS Datasheet HTML 71Page - Renesas Technology Corp HD404324FS Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 103 page
background image
HD404054 Series/HD404094 Series
66
Table 26
Serial Transmit Clock (prescaler output)
SM1B
SM1A
Bit 0
Bit 2
Bit 1
Bit 0
Prescaler Division Ratio
Tranamit Clock Frequency
00
00
÷ 2048
4096t
cyc
1
÷ 512
1024t
cyc
10
÷ 128
256t
cyc
1
÷ 32
64t
cyc
10
0
÷ 8
16t
cyc
1
÷ 24t
cyc
10
00
÷ 4096
8192t
cyc
1
÷ 1024
2048t
cyc
10
÷ 256
512t
cyc
1
÷ 64
128t
cyc
10
0
÷ 16
32t
cyc
1
÷ 48t
cyc
Operating States: Serial interface 1 has the following operating states; transitions between them are
shown in figure 50.
 STS wait state
 Transmit clock wait state
 Transfer state
 Continuous transmit clock output state (only in internal clock mode)
• STS wait state: The serial interface enters STS wait state by MCU reset (00, 10 in figure 50). In STS
wait state, serial interface 1 is initialized and the transmit clock is ignored. If the STS instruction is then
executed (01, 11), serial interface 1 enters transmit clock wait state.
• Transmit clock wait state: Transmit clock wait state is between the STS execution and the falling edge
of the first transmit clock. In transmit clock wait state, input of the transmit clock (02, 12) increments
the octal counter, shifts serial data register 1 (SR1L: $006, SR1U: $007), and enters the serial interface
in transfer state. However, note that if continuous clock output mode is selected in internal clock mode,
the serial interface does not enter transfer state but enters continuous clock output state (17).
The serial interface enters STS wait state by writing data to serial mode register 1A (SM1A: $005) (04,
14) in transmit clock wait state.
• Transfer state: Transfer state is between the falling edge of the first clock and the rising edge of the
eighth clock. In transfer state, the input of eight clocks or the execution of the STS instruction sets the
octal counter to 000, and the serial interface enters another state. When the STS instruction is executed
(05, 15), transmit clock wait state is entered. When eight clocks are input, transmit clock wait state is
entered (03) in external clock mode, and STS wait state is entered (13) in internal clock mode. In
internal clock mode, the transmit clock stops after outputting eight clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com