Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 40Page - Renesas Technology Corp HD404324FS Datasheet HTML 41Page - Renesas Technology Corp HD404324FS Datasheet HTML 42Page - Renesas Technology Corp HD404324FS Datasheet HTML 43Page - Renesas Technology Corp HD404324FS Datasheet HTML 44Page - Renesas Technology Corp HD404324FS Datasheet HTML 45Page - Renesas Technology Corp HD404324FS Datasheet HTML 46Page - Renesas Technology Corp HD404324FS Datasheet HTML 47Page - Renesas Technology Corp HD404324FS Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
HD404054 Series/HD404094 Series
42
Bit
Initial value
Read/Write
Bit name
3
0
W
SM1A3
2
0
W
SM1A2
0
0
W
SM1A0
1
0
W
SM1A1
Serial mode register 1A (SM1A: $005)
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Output
Output
Output
Output
Output
Output
Output
Input
Prescaler
Prescaler
Prescaler
Prescaler
Prescaler
Prescaler
System clock
External clock
÷ 2048
÷ 512
÷ 128
÷ 32
÷ 8
÷ 2
—
—
SM1A2
SM1A0
SM1A1
Clock source
SM1A3
0
1
R41/SCK1
mode selection
SCK1
R41
SCK1
Prescaler
division
ratio
Figure 26 Serial Mode Register 1A (SM1A)
Bit
Initial value
Read/Write
Bit name
3
0
W
CER3
2
—
—
Not used
0
0
W
CER0
1
0
W
CER1
Compare enable register (CER: $018)
CER1
0
0
1
1
Analog input pin selection
COMP0
COMP1
Not used
Not used
CER3
Digital input mode:
RD /COMP0 and RD /COMP1
operate as an R port.
Digital/Analog selection
Analog input mode:
RD /COMP0 and RD /COMP1
operate as analog input.
0
1
CER0
0
1
0
1
01
01
Figure 27 Compare Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com