Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 52Page - Renesas Technology Corp HD404324FS Datasheet HTML 53Page - Renesas Technology Corp HD404324FS Datasheet HTML 54Page - Renesas Technology Corp HD404324FS Datasheet HTML 55Page - Renesas Technology Corp HD404324FS Datasheet HTML 56Page - Renesas Technology Corp HD404324FS Datasheet HTML 57Page - Renesas Technology Corp HD404324FS Datasheet HTML 58Page - Renesas Technology Corp HD404324FS Datasheet HTML 59Page - Renesas Technology Corp HD404324FS Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 103 page
background image
HD404054 Series/HD404094 Series
54
Timer D
Timer D Functions: Timer D has the following functions.
• Free-running/reload timer
• External event counter
• Timer output operation (toggle, 0, 1, and PWM outputs)
• Input capture timer
The block diagram for each operation mode of timer D is shown in figures 40-1 and 40-2.
Timer D Operations:
• Free-running/reload timer operation: The free-running/reload operation, input clock source, and
prescaler division ratio are selected by timer mode register D1 (TMD1: $010).
Timer D is initialized to the value set in timer write register D (TWDL: $011, TWDU: $012) by
software and incremented by one at each clock input. If an input clock is applied to timer D after it has
reached $FF, an overflow is generated. In this case, if the reload timer function is enabled, timer D is
initialized to its initial value set in timer write register D; if the free-running timer function is enabled,
the timer is initialized to $00 and then incremented again.
The overflow sets the timer D interrupt request flag (IFTD: $003, bit 0). IFTD is reset by software or
MCU reset. Refer to figure 3 and table 1 for details.
• External event counter operation: Timer D is used as an external event counter by selecting the
external event input as an input clock source. In this case, pin R4
0/EVND must be set to EVND by port
mode register C (PMRC: $025).
Either falling or rising edge, or both falling and rising edges of input signals can be selected as the
external event detection edge by detection edge select register 2 (ESR2: $027). When both rising and
falling edges detection is selected, the time between the falling edge and rising edge of input signals
must be 2t
cyc or longer.
Timer D is incremented by one at each detection edge selected by detection edge select register 2
(ESR2: $027). The other operation is basically the same as the free-running/reload timer operation.
• Timer output operation: The following four output modes can be selected for timer D by setting timer
mode register D2 (TMD2: $015).
Toggle
0 output
1 output
PWM output
By selecting the timer output mode, pin R3
2/TOD is set to TOD. The output from TOD is reset low by
MCU reset.
 Toggle output: The operation is basically the same as that of timer-C’s toggle output.
 0 output: The operation is basically the same as that of timer-C’s 0 output.
 1 output: The operation is basically the same as that of timer-C’s 1 output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com