Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 65Page - Renesas Technology Corp HD404324FS Datasheet HTML 66Page - Renesas Technology Corp HD404324FS Datasheet HTML 67Page - Renesas Technology Corp HD404324FS Datasheet HTML 68Page - Renesas Technology Corp HD404324FS Datasheet HTML 69Page - Renesas Technology Corp HD404324FS Datasheet HTML 70Page - Renesas Technology Corp HD404324FS Datasheet HTML 71Page - Renesas Technology Corp HD404324FS Datasheet HTML 72Page - Renesas Technology Corp HD404324FS Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
HD404054 Series/HD404094 Series
67
In transfer state, writing data to serial mode register 1A (SM1A: $005) (06, 16) initializes serial
interface 1, and STS wait state is entered.
If the state changes from transfer to another state, the serial 1 interrupt request flag (IFS1: $003, bit 2) is
set by the octal counter that is reset to 000.
• Continuous clock output state (only in internal clock mode): Continuous clock output state is entered
only in internal clock mode. In this state, the serial interface does not transmit/receive data but only
outputs the transmit clock from the
SCK
1 pin.
When bits 0 and 1 (PMRA0, PMRA1) of port mode register A (PMRA: $004) are 00 in transmit clock
wait state and if the transmit clock is input (17), the serial interface enters continuous clock output state.
If serial mode register 1A (SM1A: $005) is written to in continuous clock output mode (18), STS wait
state is entered.
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
MCU reset
00
SM1A write
04
STS instruction
01
Transmit clock
02
8 transmit clocks
03
STS instruction (IFS1
1)
05
←
SM1A write (IFS1
1)
06
←
External clock mode
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
Transfer state
(Octal counter
000)
SM1A write
14
STS instruction
11
Transmit clock
12
15
STS instruction (IFS1
1)
←
8 transmit clocks
13
Internal clock mode
Continuous transmit
clock output state
(PMRA 0, 1 = 0, 0)
SM1A write
18
Transmit clock 17
16
Note: Refer to the Operating States section for the corresponding encircled numbers.
MCU reset
10
←
SM1A write (IFS1
1)
≠
Transfer state
(Octal counter
000)
≠
Figure 50 Serial Interface State Transitions
Output Level Control in Idle States: When serial interface 1 is in STS instruction wait state, the output
of serial output pin, SO
1 can be controlled by setting bit 1 (SM1B1) of serial mode register 1B (SM1B:
$028) to 0 or 1. The output level control example of serial interface 1 is shown in Figure 51. Note that the
output level cannot be controlled in transfer state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com