Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 71Page - Renesas Technology Corp HD404324FS Datasheet HTML 72Page - Renesas Technology Corp HD404324FS Datasheet HTML 73Page - Renesas Technology Corp HD404324FS Datasheet HTML 74Page - Renesas Technology Corp HD404324FS Datasheet HTML 75Page - Renesas Technology Corp HD404324FS Datasheet HTML 76Page - Renesas Technology Corp HD404324FS Datasheet HTML 77Page - Renesas Technology Corp HD404324FS Datasheet HTML 78Page - Renesas Technology Corp HD404324FS Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
HD404054 Series/HD404094 Series
73
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
SM1B0
1
Undefined
W
SM1B1
SM1B0
0
1
Serial clock division ratio
Prescaler output divided by 2
Prescaler output divided by 4
Serial mode register 1B (SM1B: $028)
SM1B1
0
1
Output level control in idle states
Low level
High level
Figure 54 Serial Mode Register 1B (SM1B)
Serial Data Register 1 (SR1L: $006, SR1U: $007): This register has the following functions (figures 55
and 56)
• Serial interface 1 transmission data write and shift
• Serial interface 1 receive data shift and read
Writing data in this register is output from the SO
1 pin, LSB first, synchronously with the falling edge of
the transmit clock; data is input, LSB first, through the SI
1 pin at the rising edge of the transmit clock.
Input/output timing is shown in figure 57.
Data cannot be read or written during serial data transfer. If a read/write occurs during transfer, the
accuracy of the resultant data cannot be guaranteed.
Bit
Initial value
Read/Write
Bit name
3
Undefined
R/W
SR13
2
Undefined
R/W
SR12
0
Undefined
R/W
SR10
1
Undefined
R/W
SR11
Serial data register 1(lower digit) (SR1L: $006)
Figure 55 Serial Data Register 1 (SR1L)
Bit
Initial value
Read/Write
Bit name
3
Undefined
R/W
SR17
2
Undefined
R/W
SR16
0
Undefined
R/W
SR14
1
Undefined
R/W
SR15
Serial data register 1(upper digit) (SR1U: $007)
Figure 56 Serial Data Register 1 (SR1U)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com