Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404324FS Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # HD404324FS
Description  microcomputer designed to increase program productivity
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404324FS Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button HD404324FS Datasheet HTML 43Page - Renesas Technology Corp HD404324FS Datasheet HTML 44Page - Renesas Technology Corp HD404324FS Datasheet HTML 45Page - Renesas Technology Corp HD404324FS Datasheet HTML 46Page - Renesas Technology Corp HD404324FS Datasheet HTML 47Page - Renesas Technology Corp HD404324FS Datasheet HTML 48Page - Renesas Technology Corp HD404324FS Datasheet HTML 49Page - Renesas Technology Corp HD404324FS Datasheet HTML 50Page - Renesas Technology Corp HD404324FS Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
HD404054 Series/HD404094 Series
45
Timers
The MCU has three timer/counters (A, C, and D).
• Timer A: Free-running timer
• Timer C: Multifunction timer
• Timer D: Multifunction timer
Timer A is an 8-bit free-running timer. Timers C and D are 8-bit multifunction timers, whose functions are
listed in table 23. The operating modes are selected by software.
Timer A
Timer A Functions: Timer A has the following functions.
• Free-running timer
The block diagram of timer A is shown in figure 30.
Timer A Operations:
• Free-running timer operation: The input clock for timer A is selected by timer mode register A (TMA:
$008).
Timer A is reset to $00 by MCU reset and incremented at each input clock. If an input clock is applied
to timer A after it has reached $FF, an overflow is generated, and timer A is reset to $00. The overflow
sets the timer A interrupt request flag (IFTA: $001, bit 2). Timer A continues to be incremented after
reset to $00, and therefore it generates regular interrupts every 256 clocks.
Registers for Timer A Operation: Timer A operating modes are set by the following registers.
• Timer mode register A (TMA: $008): Four-bit write-only register that selects timer A’s operating mode
and input clock source as shown in figure 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com